công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11851MC bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện LB11851MC
Giải thích chi tiết về linh kiện  Microprocessor Fan Motor Interface Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11851MC bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  LB11851MC Datasheet HTML 1Page - ON Semiconductor LB11851MC Datasheet HTML 2Page - ON Semiconductor LB11851MC Datasheet HTML 3Page - ON Semiconductor LB11851MC Datasheet HTML 4Page - ON Semiconductor LB11851MC Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
71112 SY 20120702-S00001 No.A2091-1/5
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
LB11851MC
Overview
The LB11851MC provides an interface between a microcontroller motor control signal and external MOS transistors.
This device can implement a microprocessor fan driver with a minimal number of external components. The
LB11851MC is optimal for server and personal computer microprocessor fan drive in response to temperature or other
external signals when high precision and high air flow are required.
Features
• Fan motor interface driver function (FGIN)
⇒ This IC accepts a signal from a microcontroller and interfaces to external power transistors (PMOS and NMOS) to
provide high-efficiency low-power single-phase full-wave drive.
• Variable speed input pin (PWMIN)
⇒ PMOS side PWM control
NMOS side current regeneration using slow decay is used to achieve quite high-speed control.
• Built-in kickback absorption circuit (OUT1P/2P)
⇒ This circuit absorbs the kickback current that is generated at phase switching or power on/off to achieve smooth
current regeneration and protect the external transistors against destruction or degradation.
• Built-in current limiter circuit (SENSE)
⇒ This circuit implements a chopper-type current limiting control that operates at startup and during lock protection
mode.
The current detection voltage is set to a fixed 0.2V internally.
• Built-in microcontroller power supply (5VREG)
Monolithic Digital IC
Microprocessor Fan Motor
Interface Driver
Ordering number: ENA2091


Số phần tương tự - LB11851MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
More results

Mô tả tương tự - LB11851MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11851TT SANYO-LB11851TT Datasheet
199Kb / 5P
   Microprocessor Fan Motor Interface Driver
logo
ON Semiconductor
LB11851FA ONSEMI-LB11851FA Datasheet
208Kb / 5P
   Microprocessor Fan Motor Interface Driver
May, 2013
logo
Sanyo Semicon Device
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
   Fan Motor Driver
logo
ON Semiconductor
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
   Fan Motor Driver
May, 2013
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
LB11988HR ONSEMI-LB11988HR Datasheet
91Kb / 6P
   Fan Motor Driver
May, 2013
SS30 ONSEMI-SS30 Datasheet
159Kb / 7P
   Fan Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com