công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP107-Q1 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMP107-Q1
Giải thích chi tiết về linh kiện  TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMP107-Q1 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TMP107-Q1 Datasheet HTML 1Page - Texas Instruments TMP107-Q1 Datasheet HTML 2Page - Texas Instruments TMP107-Q1 Datasheet HTML 3Page - Texas Instruments TMP107-Q1 Datasheet HTML 4Page - Texas Instruments TMP107-Q1 Datasheet HTML 5Page - Texas Instruments TMP107-Q1 Datasheet HTML 6Page - Texas Instruments TMP107-Q1 Datasheet HTML 7Page - Texas Instruments TMP107-Q1 Datasheet HTML 8Page - Texas Instruments TMP107-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
GND
V+
I/O1
7
1
I/O2
3
5
Sensor 1
R1
ALERT1
R2
ALERT2
TMP107
TX
RX
UART
100
4.1 k
10
1.7 V to 5.5 V
2
6
8
4
V+
GND
7
1
3
5
Sensor 2
TMP107
2
1
3
5
Sensor N
TMP107
2
6
8
4
6
8
7
4
GND
V+
I/O1
I/O2
R1
ALERT1
R2
ALERT2
GND
V+
I/O1
I/O2
R1
ALERT1
R2
ALERT2
0.1 F
0.1 F
0.1 F
MCU
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP107-Q1
SBOS726A – OCTOBER 2015 – REVISED OCTOBER 2015
TMP107-Q1 Automotive Grade, ±0.4°C Temperature Sensor with
Daisy-Chain UART, EEPROM, and Alert Function
1 Features
2 Applications
1
AEC-Q100 Qualified with:
Battery Management Systems (BMSs)
Distributed Temperature Sensing
Temperature Grade 1: –40°C to +125°C
Ambient Operating Temperature Range
Hybrid, Electric, and Power-Train Systems
Device HBM ESD Classification Level 2
Body Control Modules (BCMs)
Device CDM ESD Classification Level C6
Building Automation and HVACs
High Accuracy (Without Calibration):
Engine Control Units
±0.4°C (max) from –20°C to +70°C
Infotainment Processor Management
±0.55°C (max) from –40°C to +100°C
Diesel Urea Tanks
±0.7°C (max) from –55°C to +125°C
3 Description
High Resolution: 14 Bits (0.015625°C)
The TMP107-Q1 digital output temperature sensor
UART-Compatible, SMAART Wire™ Interface:
supports a total of 32 daisy-chained devices. Each
Allows Up To 32 Daisy-Chained Devices
sensor
has
a
unique
5-bit
address
stored
in
electrically-erasable
programmable
memory
EEPROM Memory for Unique Addressing, Trip
(EEPROM). The TMP107-Q1 is capable of reading
Level Programming, and General-Purpose
temperatures with a resolution of 0.015625°C, and is
Storage
accurate to within ±0.4°C in the range from –20°C to
Continuous Conversion and Shutdown Mode for
+70°C. The TMP107-Q1 is ideal for replacing NTC
Power Savings
and PTC thermistors where high accuracy is required.
One-Shot Conversion Mode for Custom Update
Rates and Power Savings
Device Information(1)
DEVICE NAME
PACKAGE
BODY SIZE
Programmable Alert Feature
TMP107-Q1
SOIC (8)
4.90 mm × 3.90 mm
Operating Temperature Range: –55°C to +125°C
(1) For all available packages, see the package option addendum
Operating Supply Range: 1.7 V to 5.5 V
at the end of the datasheet.
Package: SOIC-8
Typical Application
All figures shown as TMP107 represent TMP107-Q1 as well.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - TMP107-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP107 TI-TMP107 Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
More results

Mô tả tương tự - TMP107-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP107 TI-TMP107 Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP126-Q1 TI-TMP126-Q1_V02 Datasheet
2Mb / 53P
[Old version datasheet]   TMP126-Q1 Automotive Grade, 0.25 째C SPI Temperature Sensor With 175 째C Operation, CRC and Slew Rate Alert
MARCH 2022
logo
STMicroelectronics
STEVAL-IKM001V1 STMICROELECTRONICS-STEVAL-IKM001V1 Datasheet
84Kb / 3P
   SPI with daisy-chain feature
EVAL6472H STMICROELECTRONICS-EVAL6472H Datasheet
1Mb / 11P
   SPI with daisy chain feature
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs
logo
Texas Instruments
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
ON Semiconductor
CM6100 ONSEMI-CM6100 Datasheet
100Kb / 6P
   0.4mm Pitch Daisy Chain
May 2010 Rev. 6
logo
Texas Instruments
TMP100 TI-TMP100_15 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com