công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP107BID bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMP107BID
Giải thích chi tiết về linh kiện  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMP107BID bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TMP107BID Datasheet HTML 1Page - Texas Instruments TMP107BID Datasheet HTML 2Page - Texas Instruments TMP107BID Datasheet HTML 3Page - Texas Instruments TMP107BID Datasheet HTML 4Page - Texas Instruments TMP107BID Datasheet HTML 5Page - Texas Instruments TMP107BID Datasheet HTML 6Page - Texas Instruments TMP107BID Datasheet HTML 7Page - Texas Instruments TMP107BID Datasheet HTML 8Page - Texas Instruments TMP107BID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TMP107
www.ti.com
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
At TA = –55°C to 125°C and V+ = +1.7 V to +5.5 V (unless otherwise noted). Typical values at TA = 25°C and V+ = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Temperature range
–55
125
°C
Temperature resolution
0.015625
°C
–20°C to +70°C; one-shot mode, bus inactive
±0.125
±0.4
–40°C to +100°C; one-shot mode, bus
±0.125
±0.55
Temperature accuracy (error) inactive
°C
–55°C to +125°C; one-shot mode, bus
±0.5
±0.7
inactive
ADC resolution
14
Bits
DIGITAL OUTPUT (ALERT1, ALERT2)
VOL
Low-level output voltage
IOUT = –1 mA
0
0.02
0.4
V
High-level output leakage
IOH
VO = V+
0.1
1
μA
current
RPU
Pullup resistors
75
100
125
k
Ω
DIGITAL INPUT/OUTPUT (I/O1, I/O2)
VIH
High-level input voltage
0.7 (V+)
(V+) + 0.3
V
VIL
Low-level input voltage
–0.3
0.3 (V+)
V
IIN
Input current
0 V < VIN < (V+) + 0.3 V
–1
1
μA
VOL
Low-level output voltage
IOUT = –1 mA
0
0.1
0.4
V
VOH
High-level output voltage
IOUT = 1 mA
(V+) – 0.4
(V+) – 0.1
V+
V
Short-circuit I/O1 and I/O2 to ground or V+,
Short-circuit current
60
mA
V+ = 5 V
DEVICE TIMING
Conversion time
One-shot mode
12
15
18
ms
Conversion rate
Programmable
1/16
62
Conv/s
Any communication
35
40
ms
Device timeout time
Global address-initialize command
1
1.25
s
EEPROM
Programming time
V+ > 1.8 V
7
ms
Number of writes
V+ > 1.8 V
1000
100,000
Times
Data retention time
10
Years
POWER SUPPLY
1.7
3.3
5.5
V
V+
Operating supply range
EEPROM write
1.8
3.3
5.5
V
ADC conversion on,
200
400
SMAART wire bus inactive
ADC conversion on, SMAART wire bus active
300
(bus baud rate = 57.6 kBd)
IQ
Quiescent current
ADC conversion off, SMAART wire bus active
μA
100
(bus baud rate = 57.6 kBd)
1 conversion per second average,
16
35
SMAART wire bus inactive
EEPROM write (ADC conversion off)
400
ISD
Shutdown current
SMAART wire bus inactive (I/O1, I/O2 = V+)
3.8
10
μA
Power-on reset voltage
Supply voltage rising
1.4
V
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP107


Số phần tương tự - TMP107BID

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP107BQDQ1 TI-TMP107BQDQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP107BQDRQ1 TI-TMP107BQDRQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
More results

Mô tả tương tự - TMP107BID

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP107-Q1 TI-TMP107-Q1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP144 TI1-TMP144 Datasheet
413Kb / 27P
[Old version datasheet]   Low-Power, Digital Temperature Sensor With SMAART Wire / UART Interface
TMP144 TI-TMP144_V02 Datasheet
2Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V03 Datasheet
1Mb / 41P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
REVISED SEPTEMBER 2023
BQ2028 TI-BQ2028 Datasheet
892Kb / 26P
[Old version datasheet]   4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com