công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP100-Q1 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện TMP100-Q1
Giải thích chi tiết về linh kiện  DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMP100-Q1 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button TMP100-Q1_15 Datasheet HTML 2Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 3Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 4Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 5Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 6Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 7Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 8Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 9Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
Pointer
Register
TMP100-Q1
TMP101-Q1
SBOS581
– SEPTEMBER 2011
www.ti.com
POINTER REGISTER
Figure 8 shows the internal register structure of the TMP100-Q1 and TMP101-Q1. The 8-bit Pointer Register of
the TMP100-Q1 and TMP101-Q1 is used to address a given data register. The Pointer Register uses the two
LSBs to identify which of the data registers should respond to a read or write command. Table 1 identifies the
bits of the Pointer Register byte. Table 2 describes the pointer address of the registers available in the
TMP100-Q1 and TMP101-Q1. Power-up Reset value of P1/P0 is 00.
Figure 8. Internal Register Structure of the TMP100-Q1 and TMP101-Q1
Table 1. Pointer Register Type
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Bits
Table 2. Pointer Addresses of the TMP100-Q1 and
TMP101-Q1 Registers
P1
P0
REGISTER
0
0
Temperature Register (READ Only)
0
1
Configuration Register (READ/WRITE)
1
0
TLOW Register (READ/WRITE)
1
1
THIGH Register (READ/WRITE)
TEMPERATURE REGISTER
The Temperature Register of the TMP100-Q1 or TMP101-Q1 is a 12-bit read-only register that stores the output
of the most recent conversion. Two bytes must be read to obtain data and are described in Table 3 and Table 4.
The first 12 bits are used to indicate temperature with all remaining bits equal to zero. Data format for
temperature is summarized in Table 5. Following power-up or reset, the Temperature Register will read 0
°C until
the first conversion is complete.
Table 3. Byte 1 of Temperature Register
D7
D6
D5
D4
D3
D2
D1
D0
T11
T10
T9
T8
T7
T6
T5
T4
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP100-Q1 TMP101-Q1


Số phần tương tự - TMP100-Q1_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results

Mô tả tương tự - TMP100-Q1_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100NA250G4 TI-TMP100NA250G4 Datasheet
761Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
   DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com