công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5879 bảng dữ liệu(PDF) 10 Page - Nippon Precision Circuits Inc

tên linh kiện SM5879
Giải thích chi tiết về linh kiện  3rd-order , 2-channel D/A Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5879 bảng dữ liệu(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5879 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SM5879AV
NIPPON PRECISION CIRCUITS—10
AC Analog Characteristics
DVSS = AVSSL= AVSSR = XVSS = 0 V, DVDD = AVDDL = AVDDR = XVDD = 2.7V, P/M=2.7V, MUTE=0V,
DEEM=0V, BB1=2.7V, BB2=2.7V, crystal oscillator frequency fOSC = 16.9344 MHz, Ta = 25 °C
AC Measurement Circuit and Conditions
Measurement circuit block diagram
Measurement conditions
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Total harmonic distortion
THD
+ N
1 kHz, 0 dB
0.0075
0.015
%
LSI output level
Vout1
1 kHz, 0 dB
0.65
0.70
0.75
Vrms
Evaluation board output level
Vout2
1 kHz, 0 dB
0.70
Vrms
Dynamic range
D.R
1 kHz,
−60 dB
86.0
91.0
dB
Signal-to-noise ratio1
1. Signal-to-noise is measured following a device reset, with DATA = 0 (DI = LOW). Under these conditions, the signal-to-noise ratio includes noise-shaper
noise.
S/N
1 kHz, 0/
−∞ dB
86.0
91.5
dB
Channel separation
Ch. Sep
1 kHz,
−∞/0 dB
80.0
87.0
dB
Signal
Generator
Evaluation
Board
L/R Channel
Selector
Distortion
Analyzer
CKO(384fs)
BCK
LRCK(fs)
DATA
Left Channel
Right Channel
fs= 44.1kHz
DATA= 16bit
10k
Ω Input Impedance
NF Corporation 3346A
RMS Measurement
Shibasoku AD725C
Parameter1
Symbol
3346A left/right-channel selector
switch
AD725C distortion analyzer with
built-in filter
Total harmonic distortion
THD
+ N
THRU
20 kHz lowpass filter ON
400 Hz highpass filter OFF
Output level
Vout
Dynamic range
DR
D-RANGE
Signal-to-noise ratio
S/N
THRU
20 kHz lowpass filter ON
400 Hz highpass filter OFF
JIS A filter ON
Channel separation
Ch. Sep
THRU
20 kHz lowpass filter ON
400 Hz highpass filter OFF
1. Pins LO and RO should have an output load of 10 k
Ω (min).


Số phần tương tự - SM5879

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5871A NPC-SM5871A Datasheet
1Mb / 22P
   CMOS LSI(Digital Audio D/A Converter)
SM5872 NPC-SM5872 Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872AN NPC-SM5872AN Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872AS NPC-SM5872AS Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
More results

Mô tả tương tự - SM5879

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5876AM NPC-SM5876AM Datasheet
154Kb / 17P
   3rd-order, 2-channel D/A Converter
SM5877AM NPC-SM5877AM Datasheet
140Kb / 16P
   3rd-order , 2-channel D/A Converter
SM5878AM NPC-SM5878AM Datasheet
143Kb / 16P
   3rd-order , 2-channel D/A converter
SM588X NPC-SM588X Datasheet
196Kb / 16P
   Audio 3rd-order D/A Converter
logo
Fujitsu Component Limit...
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
   2-Channel 8-BIT D/A Converter
logo
Agamem Microelectronic ...
AA8681 AGAMEM-AA8681 Datasheet
342Kb / 1P
   50MHz, 3rd ORDER HDTV VIDEO FILTER DRIVERS
logo
NEC
UPD6376 NEC-UPD6376 Datasheet
140Kb / 20P
   AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
M62342GP RENESAS-M62342GP_08 Datasheet
119Kb / 8P
   8-Bit, 2-Channel D/A Converter (Buffered)
M62342GP RENESAS-M62342GP Datasheet
85Kb / 7P
   8-Bit, 2-Channel D-A Converter (Buffered)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com