công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK672-600 bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện STK672-600
Giải thích chi tiết về linh kiện  2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-600 bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button STK672-600 Datasheet HTML 7Page - ON Semiconductor STK672-600 Datasheet HTML 8Page - ON Semiconductor STK672-600 Datasheet HTML 9Page - ON Semiconductor STK672-600 Datasheet HTML 10Page - ON Semiconductor STK672-600 Datasheet HTML 11Page - ON Semiconductor STK672-600 Datasheet HTML 12Page - ON Semiconductor STK672-600 Datasheet HTML 13Page - ON Semiconductor STK672-600 Datasheet HTML 14Page - ON Semiconductor STK672-600 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STK672-600
No. A0755-11/19
Usage Notes
1. STK672-600 and STK672-610 input signal functions and timing
(All inputs have no internal pull-up resistor and are TTL level Schmitt trigger inputs.)
[RESETB and CLOCK (Input signal timing when power is first applied)]
As shown in the timing chart, a RESETB signal input is required by the driver to operate with the timing in which the
F1 gate is turned on first. The RESETB signal timing must be set up to have a width of at least 10
μs, as shown below.
The capacitor CO2, and the resistors RO3 and RO4 in the application circuit form simple reset circuit that uses the
RC time constant rising time. However, when designing the RESETB input based on VIH levels, the application
must have the timing shown in figure.
RESETB and CLOCK Signals Input Timing
[CLOCK (Phase switching clock)]
• Input frequency: DC to 50kHz
• Minimum pulse width: 10μs
• MODE2=1(High) Signals are read on the rising edge.
• MODE2=0(Low) Signals are read on the rising and falling edges.
[CWB (Motor direction setting)]
The direction of rotation is switched by setting CWB to 1 (high) or 0 (low). See the timing charts for details on the
operation of the outputs.
Note: The state of the CWB input must not be changed during the 6.25
μs period before and after the rising edge of
the CLOCK input.
[ENABLE (Forcible on/off control of the A, AB, B, and BB outputs, and hybrid IC internal operation)]
ENABLE=1: Normal operation
ENABLE=0: Outputs A, AB, B, and BB forced to the off state.
If, during the state where CLOCK signal input is provided, the ENABLE pin is set to 0 and then is later
restored to the 1 state, the IC will resume operation with the excitation timing continued from before
the point ENABLE was set to 0.
If sudden stop is applied to the CLOCK signal used for motor rotation, the motor axis may advance beyond the
theoretical position due to inertia. To stop at the theoretical position, the SLOW DOWN setting for gradually slowing
the CLOCK cycle is required.
Enable must be initially set high for input as shown in the timing chart.
[MODE1 and MODE2 (Excitation mode selection)]
MODE1=0: 2-phase excitation
MODE2=1: Rising edge of CLOCK
MODE1=1: 1-2 phase excitation
MODE2=0: Rising and falling edges of CLOCK
See the timing charts for details on output operation in these modes.
Note: The state of the MODE input must not be changed during the 5
μs period before and after the rising edge of the
CLOCK input.
Rise of the 5V supply
voltage
RESETB signal input
CLOCK signal
At least
10
μs
At least
5
μs


Số phần tương tự - STK672-600

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-600 SANYO-STK672-600 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results

Mô tả tương tự - STK672-600

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com