công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK672-220-E bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện STK672-220-E
Giải thích chi tiết về linh kiện  Two-Phase Stepping Motor Driver Output Current 1.4A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-220-E bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button STK672-220-E Datasheet HTML 2Page - ON Semiconductor STK672-220-E Datasheet HTML 3Page - ON Semiconductor STK672-220-E Datasheet HTML 4Page - ON Semiconductor STK672-220-E Datasheet HTML 5Page - ON Semiconductor STK672-220-E Datasheet HTML 6Page - ON Semiconductor STK672-220-E Datasheet HTML 7Page - ON Semiconductor STK672-220-E Datasheet HTML 8Page - ON Semiconductor STK672-220-E Datasheet HTML 9Page - ON Semiconductor STK672-220-E Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STK672-220-E
No.7465-9/10
When operations of the MOSFET built into STK672-2** Series ICs is turned off for constant current chopping,
the ID signal falls like the waveform shown in the figure above. At this time, the output voltage, VDS, suddenly
rises due to electromagnetic induction generated by the motor coil.
In the case of voltage that rises suddenly, voltage is restricted by the MOSFET VDSS. Voltage restriction by
VDSS results in a MOSFET avalanche. During avalanche operations, ID flows and the instantaneous energy at
this time, EAVL1, is represented by Equation (1).
EAVL1=VDSS×IAVL×0.5×tAVL ------------------------------------------- (1)
VDSS: V units, IAVL: A units, tAVL: sec units
The coefficient 0.5 in Equation (1) is a constant required to convert the IAVL triangle wave to a
square wave.
During STK672-2** Series operations, the waveforms in the figure above repeat due to the constant current
chopping operation. The allowable avalanche energy, EAVL, is therefore represented by Equation (2) used to find
the average power loss, PAVL, during avalanche mode multiplied by the chopping frequency in Equation (1).
PAVL=VDSS×IAVL×0.5×tAVL×fc ------------------------------------------- (2)
fc: Hz units (fc is set to the PWM frequency of 50kHz.)
For VDSS, IAVL, and tAVL, be sure to actually operate the STK672-2** Series and substitute values when
operations are observed using an oscilloscope.
Ex. If VDSS=110V, IAVL=1A, tAVL=0.2μs when using a STK672-220-E driver, the result is:
PAVL=110
×1×0.5×0.2×10-6×50×103=0.55W
VDSS=110V is a value actually measured using an oscilloscope.
The allowable loss range for the allowable avalanche energy value, PAVL, is shown in the graph in Figure 3.
When examining the avalanche energy, be sure to actually drive a motor and observe the ID, VDSS, and tAVL
waveforms during operation, and then check that the result of calculating Equation (2) falls within the allowable
range for avalanche operations.
[ID and VDSS Operating Waveforms in Non-avalanche Mode]
Although the waveforms during avalanche mode are given in Figure 1, sometimes an avalanche does not result during
actual operations.
Factors causing avalanche are listed below.
• Poor coupling of the motor’s phase coils (electromagnetic coupling of A phase and AB phase, B phase and
BB phase).
• Increase in the lead inductance of the harness caused by the circuit pattern of the P.C. board and motor.
• Increases in VDSS, tAVL, and IAVL in Figure 1 due to an increase in the supply voltage from 24V to 36V.
If the factors above are negligible, the waveforms shown in Figure 1 become waveforms without avalanche as
shown in Figure 2.
Under operations shown in Figure 2, avalanche does not occur and there is no need to consider the allowable loss
range of PAVL shown in Figure 3.
Figure 2 Output Current, ID, and Voltage, VDS, Waveforms 2 of the STK672-2** Series when Driving a
2-Phase Stepping Motor with Constant Current Chopping
VDS
ID
ITF02558
IOH: Motor current peak value


Số phần tương tự - STK672-220-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
More results

Mô tả tương tự - STK672-220-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
Sanyo Semicon Device
STK672-210-E SANYO-STK672-210-E Datasheet
96Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
STK672-210 SANYO-STK672-210 Datasheet
90Kb / 8P
   Two-Phase Stepping Motor Driver Output Current: 1.4 A
logo
Hitachi Semiconductor
HA13475MP HITACHI-HA13475MP Datasheet
63Kb / 3P
   TWO PHASE STEPPING MOTOR DRIVER
logo
ON Semiconductor
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-120-E ONSEMI-STK672-120-E Datasheet
85Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-120 SANYO-STK672-120 Datasheet
141Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
STK672-110 SANYO-STK672-110 Datasheet
134Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-330 SANYO-STK672-330 Datasheet
90Kb / 11P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK673-010-E SANYO-STK673-010-E Datasheet
112Kb / 15P
   3-Phase Stepping Motor Driver Output Current 2.4A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com