công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS391 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện TS391
Giải thích chi tiết về linh kiện  Low Power Single Voltage Comparator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TS391 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  TS391 Datasheet HTML 1Page - ON Semiconductor TS391 Datasheet HTML 2Page - ON Semiconductor TS391 Datasheet HTML 3Page - ON Semiconductor TS391 Datasheet HTML 4Page - ON Semiconductor TS391 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS391, NCV391
www.onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS (Over operating free−air temperature, unless otherwise stated)
Parameter
Symbol
Limit
Unit
Supply Voltage (VCC − VEE)
VS
36
V
INPUT AND OUTPUT PINS
Input Voltage
VIN
±36
V
Differential Input Voltage
VID
−0.3 to 36
V
Output Short Circuit Current (Note 1)
ISC
20
mA
TEMPERATURE
Storage Temperature
TSTG
−65 to +150
°C
Junction Temperature
TJ
+150
°C
ESD RATINGS
Human Body Model
HBM
1500
V
Charged Device Model
CDM
2000
V
Machine Model
MM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Short circuits from the output to VCC can cause excessive heating and potential destruction. The maximum short circuit current is independent
of the magnitude of VCC.
Table 2. THERMAL INFORMATION (Note 2)
Thermal Metric
Symbol
Limit
Unit
Junction to Ambient – SOIC8
qJA
238
°C/W
2. Short−circuits can cause excessive heating and destructive dissipation. These values are typical.
Table 3. OPERATING CONDITIONS
Parameter
Symbol
Limit
Unit
Operating Supply Voltage
VS
2 to 36
V
Specified Operating Range
TA
−40 to +125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Số phần tương tự - TS391

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391 Datasheet
44Kb / 5P
   LOWPOWER SINGLE VOLTAGE COMPARATORS
TS391 STMICROELECTRONICS-TS391 Datasheet
115Kb / 7P
   Low Power Single Voltage Comparator
TS391 STMICROELECTRONICS-TS391 Datasheet
126Kb / 8P
   Low power single voltage comparator
logo
Unisonic Technologies
TS391 UTC-TS391 Datasheet
194Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
TS391 UTC-TS391 Datasheet
132Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
More results

Mô tả tương tự - TS391

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS391RILT STMICROELECTRONICS-TS391RILT Datasheet
284Kb / 12P
   Low-power single voltage comparator
logo
New Japan Radio
NJM390A NJRC-NJM390A Datasheet
611Kb / 8P
   Low power single voltage comparator
Ver.00
logo
Unisonic Technologies
TS391 UTC-TS391_11 Datasheet
194Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
UTL331A UTC-UTL331A Datasheet
183Kb / 5P
   LOW POWER SINGLE VOLTAGE COMPARATOR
UTL331 UTC-UTL331 Datasheet
146Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
logo
ON Semiconductor
TS391 ONSEMI-TS391_V01 Datasheet
135Kb / 6P
   Low Power Single Voltage Comparator
October, 2017 - Rev. 5
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391_06 Datasheet
115Kb / 7P
   Low Power Single Voltage Comparator
TS391 STMICROELECTRONICS-TS391_07 Datasheet
126Kb / 8P
   Low power single voltage comparator
logo
Unisonic Technologies
TS391 UTC-TS391_05 Datasheet
200Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
TS391 UTC-TS391 Datasheet
132Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com