công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7301 bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện LM7301
Giải thích chi tiết về linh kiện  Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7301 bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button LM7301 Datasheet HTML 3Page - ON Semiconductor LM7301 Datasheet HTML 4Page - ON Semiconductor LM7301 Datasheet HTML 5Page - ON Semiconductor LM7301 Datasheet HTML 6Page - ON Semiconductor LM7301 Datasheet HTML 7Page - ON Semiconductor LM7301 Datasheet HTML 8Page - ON Semiconductor LM7301 Datasheet HTML 9Page - ON Semiconductor LM7301 Datasheet HTML 10Page - ON Semiconductor LM7301 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LM7301
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 7. Non−Inverting Input Bias Current vs.
Common Mode
Figure 8. Inverting Input Bias Current vs.
Common Mode
VCM, COMMON MODE VOLTAGE (V)
VS = ±1.1 V
−1.2
−0.8
−0.4
0
0.4
0.8
1.2
+25
°C
+85
°C
−40
°C
−3
−2
−1
0
1
2
3
Figure 9. Non−Inverting Input Bias Current vs.
Common Mode
VCM, COMMON MODE VOLTAGE (V)
−3
−2
−1
0
1
2
3
VCM, COMMON MODE VOLTAGE (V)
Figure 10. Inverting Input Bias Current vs.
Common Mode
−15
100
VCM, COMMON MODE VOLTAGE (V)
−10
−5
0
5
10
15
Figure 11. Non−Inverting Input Bias Current
vs. Common Mode
VCM, COMMON MODE VOLTAGE (V)
−15
−10
−5
0
5
10
15
Figure 12. Short−Circuit Current vs. Supply
Voltage
SUPPLY VOLTAGE (V)
Sinking
Sourcing
0
0.018
246
8
10
12
14
16
VS = ±2.5 V
VS = ±2.5 V
VS = ±15 V
VS = ±15 V
60
40
20
0
−20
−40
−60
−80
−40
°C
+25
°C
+85
°C
60
40
20
0
−20
−40
−60
−80
60
40
20
0
−20
−40
−60
−80
+25
°C
+85
°C
−40
°C
75
50
25
0
−25
−50
−75
−100
+25
°C
+85
°C
−40
°C
100
75
50
25
0
−25
−50
−75
−100
+25
°C
+85
°C
−40
°C
0.016
0.014
0.012
0.01
0.008
0.006
0.004
0.002
TA = 25°C
0


Số phần tương tự - LM7301

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7301 NSC-LM7301 Datasheet
263Kb / 11P
   Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
logo
Texas Instruments
LM7301 TI-LM7301 Datasheet
1Mb / 22P
[Old version datasheet]   At VS = 5V (Typ Unless Otherwise Noted), Tiny 5-Pin SOT-23 Package Saves Space
LM7301 TI-LM7301 Datasheet
1Mb / 28P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
LM7301 TI1-LM7301 Datasheet
1Mb / 28P
[Old version datasheet]   LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
logo
ON Semiconductor
LM7301 ONSEMI-LM7301 Datasheet
380Kb / 12P
   Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
More results

Mô tả tương tự - LM7301

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LM7301 ONSEMI-LM7301_14 Datasheet
380Kb / 12P
   Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
NCS2005 ONSEMI-NCS2005_16 Datasheet
458Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
NCS2005 ONSEMI-NCS2005 Datasheet
481Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
October, 2015 ??Rev. 0
NCS2005 ONSEMI-NCS2005_V01 Datasheet
573Kb / 11P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
logo
National Semiconductor ...
LM7301 NSC-LM7301 Datasheet
263Kb / 11P
   Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
logo
Texas Instruments
LM7301 TI1-LM7301_16 Datasheet
1Mb / 28P
[Old version datasheet]   LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
LM7341 TI-LM7341_15 Datasheet
900Kb / 27P
[Old version datasheet]   Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
Texas Instruments
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
[Old version datasheet]   OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com