công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TA22 bảng dữ liệu(PDF) 8 Page - Vishay Siliconix

tên linh kiện TA22
Giải thích chi tiết về linh kiện  Ultra Precision Thin Film MELF Resistors10
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TA22 bảng dữ liệu(HTML) 8 Page - Vishay Siliconix

Back Button TA22 Datasheet HTML 2Page - Vishay Siliconix TA22 Datasheet HTML 3Page - Vishay Siliconix TA22 Datasheet HTML 4Page - Vishay Siliconix TA22 Datasheet HTML 5Page - Vishay Siliconix TA22 Datasheet HTML 6Page - Vishay Siliconix TA22 Datasheet HTML 7Page - Vishay Siliconix TA22 Datasheet HTML 8Page - Vishay Siliconix TA22 Datasheet HTML 9Page - Vishay Siliconix TA22 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
UMA 0204, UMB 0207
www.vishay.com
Vishay Beyschlag
Revision: 27-Mar-14
8
Document Number: 28715
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents.
(2) Wave soldering is not recommended.
4.38
-
Electrostatic
discharge
(Human Body
Model)
IEC 61340-3-1 (1);
3 pos. + 3 neg. discharges
UMA 0204: 2 kV
UMB 0207: 4 kV
(0.5 % R + 50 m)
4.17.2
58 (Td)
Solderability
Solder bath method;
SnPb40; non-activated flux;
(215 ± 3) °C; (3 ± 0.3) s
Good tinning (
 95 % covered); no visible damage
Solder bath method;
SnAg3Cu0.5 or SnAg3.5;
non-activated flux;
(235 ± 3) °C; (2 ± 0.2) s
Good tinning (
 95 % covered); no visible damage
4.18.2
58 (Td)
Resistance to
soldering heat
Solder bath method;
(260 ± 5) °C; (2 ± 0.2) s
(2)
±
(0.05 % R + 10 m)
Reflow method 2
(IR/forced gas convection);
(260 ± 5) °C; (10 ± 1) s
±
(0.01 % R + 1 m)±(0.02 % R + 1 m)
4.29
45 (XA)
Component
solvent
resistance
Isopropyl alcohol; 50 °C;
method 2
No visible damage
4.30
45 (XA)
Solvent
resistance of
marking
Isopropyl alcohol; 50 °C;
method 1, toothbrush
Marking legible; no visible damage
4.32
21 (Ue3)
Shear (adhesion)
45 N
No visible damage
4.33
21 (Ue1)
Substrate
bending
Depth 2 mm, 3 times
No visible damage, no open circuit in bent position
(0.02 % R + 10 m)
(0.05 % R + 10 m)
4.7
-
Voltage proof
URMS = Uins; 60 s
No flashover or breakdown
4.35
-
Flammability
IEC 60695-11-5 (1),
needle flame test; 10 s
No burning after 30 s
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
Stability for product types:
STABILITY
CLASS 0.05
OR BETTER
STABILITY
CLASS 0.1
OR BETTER
STABILITY
CLASS 0.25
OR BETTER
UMA 0204
100
 to 100 k
43
 to 221 k
22
 to 332 k
UMB 0207
270
 to 100 k
100
 to 390 k
-


Số phần tương tự - TA22

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
TA22 VISHAY-TA22 Datasheet
82Kb / 3P
   Single Value Chip Resistor
Revision: 27-Mar-14
TA22 VISHAY-TA22 Datasheet
89Kb / 3P
   Single Value Chip Resistor
Revision: 06-Oct-08
logo
Beijing Yaohuadechang E...
TA22-100 YHDC-TA22-100 Datasheet
1Mb / 1P
   Through core type precision current transformer
logo
Vishay Siliconix
TA22-100KD0016 VISHAY-TA22-100KD0016 Datasheet
82Kb / 3P
   Single Value Chip Resistor
Revision: 27-Mar-14
TA22-100KD0016 VISHAY-TA22-100KD0016 Datasheet
89Kb / 3P
   Single Value Chip Resistor
Revision: 06-Oct-08
More results

Mô tả tương tự - TA22

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204_V01 Datasheet
156Kb / 10P
   Ultra Precision Thin Film MELF Resistors
30-Sep-2021
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD WALSIN-WMXXD Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB_Q WALSIN-WMXXB_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD_Q WALSIN-WMXXD_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXN WALSIN-WMXXN Datasheet
7Mb / 12P
   High Precision Power Thin Film MELF
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXN_Q WALSIN-WMXXN_Q Datasheet
2Mb / 12P
   High Precision Power Thin Film MELF
WM07B WALSIN-WM07B Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com