công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TA22 bảng dữ liệu(PDF) 7 Page - Vishay Siliconix

tên linh kiện TA22
Giải thích chi tiết về linh kiện  Ultra Precision Thin Film MELF Resistors10
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TA22 bảng dữ liệu(HTML) 7 Page - Vishay Siliconix

Back Button TA22 Datasheet HTML 2Page - Vishay Siliconix TA22 Datasheet HTML 3Page - Vishay Siliconix TA22 Datasheet HTML 4Page - Vishay Siliconix TA22 Datasheet HTML 5Page - Vishay Siliconix TA22 Datasheet HTML 6Page - Vishay Siliconix TA22 Datasheet HTML 7Page - Vishay Siliconix TA22 Datasheet HTML 8Page - Vishay Siliconix TA22 Datasheet HTML 9Page - Vishay Siliconix TA22 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
UMA 0204, UMB 0207
www.vishay.com
Vishay Beyschlag
Revision: 27-Mar-14
7
Document Number: 28715
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4.23
Climatic
sequence:
4.23.2
2 (Ba)
Dry heat
UCT; 16 h
4.23.3
30 (Db)
Damp heat,
cyclic
55 °C; 24 h;
90 % RH;
1 cycle
4.23.4
1 (Aa)
Cold
LCT; 2 h
4.23.5
13 (M)
Low air pressure
8.5 kPa; 2 h; (25 ± 10) °C
4.23.6
30 (Db)
Damp heat,
cyclic
55 °C; 24 h;
90 % RH;
5 cycles
4.23.7
-
DC load
U =
U
max.;
1 min.
LCT = -10 °C; UCT = 85 °C
± (0.03 % R + 1 m
) ± (0.05 % R + 1 m)-
LCT = -55 °C; UCT = 125 °C
-
-
± (0.1 % R + 1 m
)
-
1 (Aa)
Cold
-55 °C; 2 h
±
(0.02 % R + 0.1 m)
4.19
14 (Na)
Rapid change
of temperature
30 min at LCT;
30 min at UCT;
LCT = -10 °C; UCT = 85 °C
5 cycles
±
(0.01 % R + 1 m) ± (0.02 % R + 1 m)-
1000 cycles
± (0.05 % R + 1 m
) ± (0.05 % R + 1 m)-
LCT = -55 °C; UCT = 125 °C
5 cycles
-
-
± (0.025 % R + 1 m
)
1000 cycles
-
-
± (0.1 % R + 1 m
)
4.13
-
Short time
overload;
Precision
operation mode
U = 2.5 x
2 x U
max.; 5 s
±
(0.005 % R + 1 m)
± (0.01 % R + 1 m
)
Short time
overload;
Standard
operation mode
U = 2.5 x
2 x U
max.; 5 s
±
(0.01 % R + 1 m)
4.27
-
Single pulse high
voltage overload;
Standard
operation mode
Severity no. 4:
U = 10 x
2 x U
max.;
10 pulses 10 μs/700 μs
± (0.25 % R + 5 m
)
4.39
-
Periodic electric
overload;
Standard
operation mode
U =
2 x U
max.
0.1 s on; 2.5 s off;
1000 cycles
±
(0.5 % R + 5 m)
4.22
6 (Fc)
Vibration
Endurance by sweeping;
10 Hz to 2000 Hz;
no resonance; amplitude
1.5 mm or  200 m/s2;
7.5 h
±
(0.01 % R + 1 m)
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
Stability for product types:
STABILITY
CLASS 0.05
OR BETTER
STABILITY
CLASS 0.1
OR BETTER
STABILITY
CLASS 0.25
OR BETTER
UMA 0204
100
 to 100 k
43
 to 221 k
22
 to 332 k
UMB 0207
270
 to 100 k
100
 to 390 k
-
P
70 x R
P
70 x R
P
70 x R
P
70 x R
15
x P
70 x R


Số phần tương tự - TA22

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
TA22 VISHAY-TA22 Datasheet
82Kb / 3P
   Single Value Chip Resistor
Revision: 27-Mar-14
TA22 VISHAY-TA22 Datasheet
89Kb / 3P
   Single Value Chip Resistor
Revision: 06-Oct-08
logo
Beijing Yaohuadechang E...
TA22-100 YHDC-TA22-100 Datasheet
1Mb / 1P
   Through core type precision current transformer
logo
Vishay Siliconix
TA22-100KD0016 VISHAY-TA22-100KD0016 Datasheet
82Kb / 3P
   Single Value Chip Resistor
Revision: 27-Mar-14
TA22-100KD0016 VISHAY-TA22-100KD0016 Datasheet
89Kb / 3P
   Single Value Chip Resistor
Revision: 06-Oct-08
More results

Mô tả tương tự - TA22

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204_V01 Datasheet
156Kb / 10P
   Ultra Precision Thin Film MELF Resistors
30-Sep-2021
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD WALSIN-WMXXD Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB_Q WALSIN-WMXXB_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD_Q WALSIN-WMXXD_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXN WALSIN-WMXXN Datasheet
7Mb / 12P
   High Precision Power Thin Film MELF
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXN_Q WALSIN-WMXXN_Q Datasheet
2Mb / 12P
   High Precision Power Thin Film MELF
WM07B WALSIN-WM07B Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com