công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC02ADTR2G bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện 74LVC02ADTR2G
Giải thích chi tiết về linh kiện  Low-Voltage CMOS Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC02ADTR2G bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  74LVC02ADTR2G Datasheet HTML 1Page - ON Semiconductor 74LVC02ADTR2G Datasheet HTML 2Page - ON Semiconductor 74LVC02ADTR2G Datasheet HTML 3Page - ON Semiconductor 74LVC02ADTR2G Datasheet HTML 4Page - ON Semiconductor 74LVC02ADTR2G Datasheet HTML 5Page - ON Semiconductor 74LVC02ADTR2G Datasheet HTML 6Page - ON Semiconductor 74LVC02ADTR2G Datasheet HTML 7Page - ON Semiconductor 74LVC02ADTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
September, 2015 − Rev. 0
Publication Order Number:
74LVC02A/D
1
74LVC02A
Low-Voltage CMOS Quad
2-Input NOR Gate
With 5 V−Tolerant Inputs
The 74LVC02A is a high performance, quad 2−input NOR gate
operating from a 1.2 to 3.6 V supply. High impedance TTL compatible
inputs significantly reduce current loading to input drivers while TTL
compatible outputs offer improved switching noise performance. A VI
specification of 5.5 V allows 74LVC02A inputs to be safely driven
from 5 V devices.
Current drive capability is 24 mA at the outputs.
Features
Designed for 1.2 V to 3.6 V VCC Operation
5 V Tolerant Inputs − Interface Capability With 5 V TTL Logic
24 mA Output Sink and Source Capability
Near Zero Static Supply Current (10 mA) Substantially Reduces
System Power Requirements
ESD Performance: Human Body Model >2000 V;
Machine Model >200 V
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Figure 1. Logic Diagram
1
O0
2
A0
3
B0
4
O1
5
A1
6
B1
13
O2
11
A2
12
B2
10
O3
8
A3
9
B3
TSSOP−14
DT SUFFIX
CASE 948G
SOIC−14 NB
D SUFFIX
CASE 751A
MARKING DIAGRAMS
LVC
02A
ALYW
G
G
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
14
1
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
LVC02AG
AWLYWW
1
14
www.onsemi.com
(Note: Microdot may be in either location)
TSSOP−14
SOIC−14 NB
13
14
12
11
10
9
8
2
1
34567
VCC
O2B2
A2
O3B3
A3
O0A0
B0
O1
A1
B1
GND
PIN ASSIGNMENT


Số phần tương tự - 74LVC02ADTR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVC02AD PHILIPS-74LVC02AD Datasheet
88Kb / 10P
   Quad 2-input NOR gate
1998 Apr 28
74LVC02AD NXP-74LVC02AD Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Nexperia B.V. All right...
74LVC02AD NEXPERIA-74LVC02AD Datasheet
232Kb / 12P
   Quad 2-input NOR gate
Rev. 10 - 17 September 2021
74LVC02AD-Q100 NEXPERIA-74LVC02AD-Q100 Datasheet
746Kb / 14P
   Quad 2-input NOR gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
More results

Mô tả tương tự - 74LVC02ADTR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
74LVC32A ONSEMI-74LVC32A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
MC74LCX00DTR2G ONSEMI-MC74LCX00DTR2G Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2012 ??Rev. 8
74LVC08A ONSEMI-74LVC08A Datasheet
94Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
logo
STMicroelectronics
74LVQ00 STMICROELECTRONICS-74LVQ00_04 Datasheet
285Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
74LVC240A ONSEMI-74LVC240A Datasheet
94Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
MC74LCX00 ONSEMI-MC74LCX00_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
January, 2005 ??Rev. 5
logo
Motorola, Inc
MC74LVQ00 MOTOROLA-MC74LVQ00 Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
74LVC00A ONSEMI-74LVC00A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
74LVC126A ONSEMI-74LVC126A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com