công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5843A bảng dữ liệu(PDF) 6 Page - Nippon Precision Circuits Inc

tên linh kiện SM5843A
Giải thích chi tiết về linh kiện  Audio Multi-function Digital Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5843A bảng dữ liệu(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5843A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5843A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5843A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5843A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5843A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5843A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5843A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5843A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5843A Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SM5843A
×1
NIPPON PRECISION CIRCUITS—6
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
Recommended Operating Conditions
fs = 384fs (CKSLN = HIGH): VSS = 0 V
fs = 256fs (CKSLN = LOW): VSS = 0 V
DC Electrical Characteristics
VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −20 to 80 °C
Parameter
Symbol
Rating
Unit
Supply voltage range
VDD
−0.3 to 7.0
V
Input voltage range
VIN
−0.3 to V
DD + 0.3
V
Storage temperature range
Tstg
−40 to 125
°C
Power dissipation
PD
550 (DIP)
mW
390 (SOP)
Soldering temperature
Tsld
255
°C
Soldering time
tsld
10
s
Parameter
Symbol
Rating
Unit
Supply voltage range
VDD
4.5 to 5.5
V
Operating temperature range
Topr
−20 to 80
°C
Parameter
Symbol
Rating
Unit
Supply voltage range
VDD
4.75 to 5.25
V
Operating temperature range
Topr
−20 to 70
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption
IDD
VDD = 5.0 V
1
1. fSYS = 256fs = 14.2 MHz (CKSLN = LOW), no output load
–50
65
mA
XTI HIGH-level input voltage
VIH1
0.7VDD
––
V
XTI LOW-level input voltage
VIL1
0.3VDD
V
XTI AC-coupled input voltage
VINAC
0.3VDD
––
Vp-p
HIGH-level input voltage2
2. Pins DI/INF2N, BCKI, CKSLN, INF1N, IW1N/DIL, IW2N/DIR, MDT, MCK, MLEN, RSTN, MUTE, DEMP, FSEL1, FSEL2, OW20N, SYNCN, LRCI,
TMOD1, TMOD2
VIH2
2.4
V
LOW-level input voltage2
VIL2
0.5
V
HIGH-level output voltage3
3. Pins CKO, DOL, DOR, BCKO, WCKO
VOH
IOH = −0.4 mA
2.5
V
LOW-level output voltage3
VOL
IOL = 1.6 mA
0.4
V
XTI HIGH-level input current
IIH
VIN = VDD
–10
20
µA
XTI LOW-level input current
IIL1
VIN = 0 V
10
20
µA
LOW-level input current2
IIL2
VIN = 0 V
10
20
µA
Input leakage current2
ILH
VIN = VDD
1.0
µA


Số phần tương tự - SM5843A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5840B NPC-SM5840B Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5840FP NPC-SM5840FP Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
More results

Mô tả tương tự - SM5843A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841H NPC-SM5841H Datasheet
167Kb / 20P
   Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
SM5847AF NPC-SM5847AF Datasheet
337Kb / 30P
   High-fidelity Digital Audio, Multi-function Digital Filter
SM5842AP NPC-SM5842AP Datasheet
201Kb / 23P
   High-Class Audio Multi-function Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com