công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE9030MIWFP1Q bảng dữ liệu(PDF) 8 Page - Mitel Networks Corporation

tên linh kiện ACE9030MIWFP1Q
Giải thích chi tiết về linh kiện  Radio Interface and Twin Synthesiser
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9030MIWFP1Q bảng dữ liệu(HTML) 8 Page - Mitel Networks Corporation

Back Button ACE9030MIWFP1Q Datasheet HTML 4Page - Mitel Networks Corporation ACE9030MIWFP1Q Datasheet HTML 5Page - Mitel Networks Corporation ACE9030MIWFP1Q Datasheet HTML 6Page - Mitel Networks Corporation ACE9030MIWFP1Q Datasheet HTML 7Page - Mitel Networks Corporation ACE9030MIWFP1Q Datasheet HTML 8Page - Mitel Networks Corporation ACE9030MIWFP1Q Datasheet HTML 9Page - Mitel Networks Corporation ACE9030MIWFP1Q Datasheet HTML 10Page - Mitel Networks Corporation ACE9030MIWFP1Q Datasheet HTML 11Page - Mitel Networks Corporation ACE9030MIWFP1Q Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
ACE9030
ELECTRICAL CHARACTERISTICS
These characteristics apply over these ranges of conditions (unless otherwise stated):
T
AMB = – 40 °C to + 85 °C, all VDD = + 3·6 to + 5·0 V, GND ref. = VSS
A.C. Characteristics (continued)
Note
7. AUDIO signal quality is measured with feedback components as shown in figure 18 and with 500 mV peak to peak input to AFCIN.
Discriminator gain is set with D = 3 and M = 40 and V
DD = 3·75 V and a crystal at 14·85 MHz. SINAD is defined as the ratio of wanted signal
to all unwanted output, measured simultaneously with filters. The hum and noise figure is defined as the ratio of output power at AUDIO when
AFCIN is unmodulated to the output power when AFCIN is driven as specified above.
Parameter
Min.
Typ.
Max.
Unit
Conditions
LOW FREQUENCY AMPLIFIERS (1 and 2)
Voltage Gain
1200
2800
Input Offset
10
20
mV
Open loop input resistance
1
M
Open loop output resistance
8
k
Unity Gain bandwidth
2
MHz
Input bias current, inverting input
200
nA
Power supply rejection at 120 Hz, 10 kHz
40
50
dB
Output voltage maximum
V
DDA – 0·2
V
10 k
Ω to 6ND
Output voltage maximum, as a comparator
V
DDA – 0·1
V
10 k
Ω to 6ND
Output voltage minimum level
0·2
V
10 k
Ω to 6ND
Output voltage minimum level
0·1
V
10 k
Ω to 6ND
Common mode input range (LF1 1)
V
SSA
2.5
V
Common mode input range (LF1 2)
V
SSA
V
DDA
Output slew rate
0.15
0.25
V/
µs
Output load capacitance
30
pF
8 MHz OSCILLATOR and PLL
OSC8 centre frequency
8·064
MHz
OSC8 VCO sensitivity
25
MHz/V
OSC8 charge pump output current
50
µA
CLK8 output load, resistive:
15
25
100
k
capacitive:
15
25
30
pF
CLK8 output amplitude
0·8
1·0
2·4
V
pk-pk
CLK8 total output jitter
500
Hz
0 - 3 kHz
Start-up time at power-on, to default settings
15
ms
With a loop filter as
described in fig. 17
Lock time to within 125 ppm, after
reprogramming set-ups
15
ms
AFCIN F.M. DISCRIMINATOR and AFC
AFCIN input signal level
0·05
2·5
V
pk-pk
AFCIN input impedance, resistive:
50
k
capacitive:
10
pF
Input frequency
400
500
kHz
Input signal to integrated noise ratio
10
dB
I.F.
± 15 kHz.
Input Schmitt Hysteresis
8
mV
AUDIO signal SINAD, psophometric, note 7
40
45
dB
1 kHz tone at 3 kHz
AUDIO signal hum and noise, note 7
– 46
dB
peak deviation on
AUDIO output signal level, note 7
195
260
mV
rms
AFCIN input at I.F.
AFCOUT load
30
pF
AFCOUT duty cycle
37
63
%
AFCOUT rise and fall times
75
ns


Số phần tương tự - ACE9030MIWFP1Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ACE Technology Co., LTD...
ACE9006M ACE-ACE9006M Datasheet
492Kb / 7P
   N-Channel 60-V (D-S) MOSFET
VER 1.1
ACE9006M03N ACE-ACE9006M03N Datasheet
718Kb / 7P
   N-Channel 60-V MOSFET
VER 1.1
ACE9006M06P ACE-ACE9006M06P Datasheet
712Kb / 7P
   P-Channel 60-V MOSFET
VER 1.1
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
   Receiver and Transmitter Interface
logo
Zarlink Semiconductor I...
ACE9020 ZARLINK-ACE9020 Datasheet
417Kb / 6P
   Receiver and Transmitter Interface
More results

Mô tả tương tự - ACE9030MIWFP1Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zarlink Semiconductor I...
NJ8820 ZARLINK-NJ8820 Datasheet
493Kb / 11P
   FREQUENCY SYNTHESISER (PROM INTERFACE)
NJ88C25 ZARLINK-NJ88C25 Datasheet
197Kb / 8P
   FREQUENCY SYNTHESISER (MICROPROCESSOR SERIAL INTERFACE)
NJ88C21 ZARLINK-NJ88C21 Datasheet
476Kb / 8P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
NJ8821 ZARLINK-NJ8821 Datasheet
475Kb / 10P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
logo
General Electric Compan...
NJ8821 GEC-NJ8821 Datasheet
136Kb / 5P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
logo
Zarlink Semiconductor I...
ZIF600 ZARLINK-ZIF600 Datasheet
229Kb / 9P
   Pager Synthesiser and 4FSK Demodulator
NJ88C30 ZARLINK-NJ88C30 Datasheet
217Kb / 9P
   VHF SYNTHESISER
logo
List of Unclassifed Man...
TWC-78-1 ETC2-TWC-78-1 Datasheet
124Kb / 1P
   CABLE, RADIO FREQUENCY, TWIN CONDUCTOR, BALANCED LINE
logo
PMC-Sierra, Inc
PM7830 PMC-PM7830 Datasheet
123Kb / 2P
   Baseband Radio Interface Controller
logo
Zarlink Semiconductor I...
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com