công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMBR0520ET1G bảng dữ liệu(PDF) 5 Page - Leshan Radio Company

tên linh kiện LMBR0520ET1G
Giải thích chi tiết về linh kiện  Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.5A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LRC [Leshan Radio Company]
Trang chủ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR0520ET1G bảng dữ liệu(HTML) 5 Page - Leshan Radio Company

  LMBR0520ET1G Datasheet HTML 1Page - Leshan Radio Company LMBR0520ET1G Datasheet HTML 2Page - Leshan Radio Company LMBR0520ET1G Datasheet HTML 3Page - Leshan Radio Company LMBR0520ET1G Datasheet HTML 4Page - Leshan Radio Company LMBR0520ET1G Datasheet HTML 5Page - Leshan Radio Company LMBR0520ET1G Datasheet HTML 6Page - Leshan Radio Company LMBR0520ET1G Datasheet HTML 7Page - Leshan Radio Company LMBR0520ET1G Datasheet HTML 8Page - Leshan Radio Company LMBR0520ET1G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
6.High reliability test capabilities
Solder Resistance
MIL-STD-750D METHOD-2031
Solderability
at 245±5℃ for 5 sec
MIL-STD-202F METHOD-208
High Temperature Reverse Bias
VR=80% rate at Tj=125℃ for 168hrs
MIL-STD-750D METHOD-1038
Forward Operation Life
MIL-STD-750D METHOD-1027
Intermittent Operation Life
MIL-STD-750D METHOD-1036
Pressure Cooker
15PSIG at TA=121℃ for 4hrs
JESD22-A102
Temperature Cycling
MIL-STD-750D METHOD-1051
Thermal Shock
MIL-STD-750D METHOD-1056
Forward Surge
MIL-STD-750D METHOD-4066-2
Humidity
at TA=85℃,RH=85% for 1000hrs
MIL-STD-750D METHOD-1021
High Temperature Storage Life
at 150℃ for 1000hrs
MIL-STD-750D METHOD-1031
Item Test
8.3ms single half sine-wave
superimposed on rated load,one surge
0℃ for 5min. Rise to 100℃ for 5min.
Total 10 cycles
Condition
Reference
TA=25℃,IF=IO
-55℃ to +125℃ dwelled for 30 min.
and transferred for 5min. Total 10
cycles
Rated average rectifier current
TA=25℃ for 500hrs
at 260±5℃ for 10±2sec immerse
LMBR0520ET1G thru LMBR0540ET1G


Số phần tương tự - LMBR0520ET1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LMBR0520ET1G LRC-LMBR0520ET1G Datasheet
422Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.5A
More results

Mô tả tương tự - LMBR0520ET1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AiT Semiconductor Inc.
MBR0520E AITSEMI-MBR0520E Datasheet
562Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 40V FORWARD CURRENT 0.5A
REV1.0
logo
Leshan Radio Company
LMBR0530ET1G LRC-LMBR0530ET1G Datasheet
422Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.5A
LMBR0540FT1G LRC-LMBR0540FT1G Datasheet
878Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.5A
logo
AiT Semiconductor Inc.
MBR0520F AITSEMI-MBR0520F Datasheet
759Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 40V FORWARD CURRENT 0.5A
REV1.0
logo
Leshan Radio Company
LMBR0520LFT1G LRC-LMBR0520LFT1G Datasheet
220Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 Forward Current 0.5A
1N5820 LRC-1N5820_12 Datasheet
205Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
1N5817 LRC-1N5817_12 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 1.0A
logo
First Silicon Co., Ltd
FDR01F20 FS-FDR01F20 Datasheet
384Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.1A
logo
Shanghai Leiditech Elec...
1N5820 LEIDITECH-1N5820 Datasheet
583Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
logo
Leshan Radio Company
1N5817-E LRC-1N5817-E Datasheet
182Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com