công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11660RV bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện LB11660RV
Giải thích chi tiết về linh kiện  Half-pre Motor Driver Single-Phase Full-Wave Drive
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11660RV bảng dữ liệu(HTML) 7 Page - ON Semiconductor

  LB11660RV Datasheet HTML 1Page - ON Semiconductor LB11660RV Datasheet HTML 2Page - ON Semiconductor LB11660RV Datasheet HTML 3Page - ON Semiconductor LB11660RV Datasheet HTML 4Page - ON Semiconductor LB11660RV Datasheet HTML 5Page - ON Semiconductor LB11660RV Datasheet HTML 6Page - ON Semiconductor LB11660RV Datasheet HTML 7Page - ON Semiconductor LB11660RV Datasheet HTML 8Page - ON Semiconductor LB11660RV Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LB11660RV
www.onsemi.com
7
*5 <Hall input>
Wiring need to be short to prevent carrying of the noise. The Hall input circuit is a comparator having a hysteresis of
20mV. It is recommended that the Hall input level be more than three times (60mVp-p) this hysteresis.
*6 < PWM oscillation frequency setting capacitor >
The oscillation frequency is 23kHz when CP = 200pF and 46kHz when CP = 100pF, and this serves as the PWM
fundamental frequency.
For the most part, the PWM frequency can be obtained from the following formula:
f [kHz]
 (4.6106) ÷C [pF]
*7 <RD output>
This is the open collector type output, which outputs ''L'' during rotation. It is set to 'OFF' when a lock is detected.
This output is left open when not in use.
*8 <HB pin>
This is a Hall element bias pin, that is, the 1.25V constant-voltage output pin.
*9 <RMI pin>
Lowest speed setting pin for speed control.
The minimum output duty setting is made with R3 and R4. The R4 is left open to stop operation at a duty ratio
of 0%.
Rotation Speed Control Chart
Minimum output duty
VTH (V)
PWM
DUTY(%)
Duty100%
Duty0%
VPWML
VPWMH
RMI
CPWM
2.5V
0.5V
PWM control
variable speed
Full speed
0V
ON Duty
Rotation set to
minimum speed
RMI voltage
VTH voltage
ON
OFF


Số phần tương tự - LB11660RV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11660RV SANYO-LB11660RV Datasheet
78Kb / 9P
   Single-Phase Full-Wave Driver
More results

Mô tả tương tự - LB11660RV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11660FV ONSEMI-LB11660FV Datasheet
129Kb / 10P
   Half-pre Motor Driver Single-Phase Full-Wave Drive
August 2015 - Rev. 1
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Rohm
BD6718FV ROHM-BD6718FV Datasheet
252Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan Motor
BA6423AF ROHM-BA6423AF_1 Datasheet
288Kb / 4P
   Single-phase Full-Wave Motor Pre-Driver for Fan
logo
ON Semiconductor
LB11852RV ONSEMI-LB11852RV Datasheet
309Kb / 12P
   Single-phase Full-wave Pre-driver
May, 2013
logo
Rohm
BD6713EFV ROHM-BD6713EFV Datasheet
230Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Toshiba Semiconductor
TC78B006FNG TOSHIBA-TC78B006FNG Datasheet
997Kb / 36P
   Single Phase Full-wave Pre-driver for Fan Motor
2015-02-13
logo
Rohm
BA6423AF ROHM-BA6423AF Datasheet
228Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
BA6424AFS ROHM-BA6424AFS Datasheet
235Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Shaoxing Devechip Micro...
SDC11967 SDC-SDC11967 Datasheet
328Kb / 10P
   Single-Phase Full-Wave Pre-Driver For Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com