công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11660FV bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện LB11660FV
Giải thích chi tiết về linh kiện  Half-pre Motor Driver Single-Phase Full-Wave Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11660FV bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  LB11660FV Datasheet HTML 1Page - ON Semiconductor LB11660FV Datasheet HTML 2Page - ON Semiconductor LB11660FV Datasheet HTML 3Page - ON Semiconductor LB11660FV Datasheet HTML 4Page - ON Semiconductor LB11660FV Datasheet HTML 5Page - ON Semiconductor LB11660FV Datasheet HTML 6Page - ON Semiconductor LB11660FV Datasheet HTML 7Page - ON Semiconductor LB11660FV Datasheet HTML 8Page - ON Semiconductor LB11660FV Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LB11660FV
www.onsemi.com
2
Specifications
Absolute Maximum Ratings at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
VCC maximum supply voltage
VCC max
20
V
VM maximum supply voltage
VM max
20
V
OUT pin maximum output
current
IOUT max
Rf
 0.39
1.5
A
OUT pin output voltage 1
VOUT max 1
20
V
OUT pin output voltage 2
VOUT max 2
T
 0.4s
26.5
V
PRE pin maximum source
current
IPSO max
30
mA
PRE pin maximum sink current
IPSI max
7
mA
PRE pin output voltage
VP max
20
V
HB maximum output current
HB max
10
mA
VTH input pin voltage
VTH max
7
V
FG output pin voltage
VFG max
18
V
FG output current
IFG max
10
mA
Allowable power dissipation
Pd max
When mounted on a circuit board *1
0.8
W
Operating temperature
Topr
*2
30 to +90
C
Storage temperature
Tstg
55 to +150
C
*1 Specified circuit board : 114.3
 76.1  1.6mm3, glass epoxy.
*2: Tj max is 150°C. This device must be used under conditions such that the chip temperature does not exceed Tj = 150°C during operation.
Recommended Operating Conditions at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
VCC supply voltage
VCC
4 to 15
V
VM supply voltage
VM
3 to 15
V
Current limiter operation range
ILIM
0.6 to 1.2
V
VTH input level voltage range
VTH
0 to 6
V
Hall sensor input common-mode
input voltage range
VICM
0.2 to 3
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


Số phần tương tự - LB11660FV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11660FV SANYO-LB11660FV Datasheet
111Kb / 8P
   Single-Phase Full-Wave Fan Motor Driver
More results

Mô tả tương tự - LB11660FV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11660RV ONSEMI-LB11660RV Datasheet
118Kb / 9P
   Half-pre Motor Driver Single-Phase Full-Wave Drive
August 2015 - Rev. 1
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Rohm
BD6718FV ROHM-BD6718FV Datasheet
252Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan Motor
BA6423AF ROHM-BA6423AF_1 Datasheet
288Kb / 4P
   Single-phase Full-Wave Motor Pre-Driver for Fan
logo
ON Semiconductor
LB11852RV ONSEMI-LB11852RV Datasheet
309Kb / 12P
   Single-phase Full-wave Pre-driver
May, 2013
logo
Rohm
BD6713EFV ROHM-BD6713EFV Datasheet
230Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Toshiba Semiconductor
TC78B006FNG TOSHIBA-TC78B006FNG Datasheet
997Kb / 36P
   Single Phase Full-wave Pre-driver for Fan Motor
2015-02-13
logo
Rohm
BA6423AF ROHM-BA6423AF Datasheet
228Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
BA6424AFS ROHM-BA6424AFS Datasheet
235Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Shaoxing Devechip Micro...
SDC11967 SDC-SDC11967 Datasheet
328Kb / 10P
   Single-Phase Full-Wave Pre-Driver For Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com