công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM202 bảng dữ liệu(PDF) 1 Page - GOOD-ARK Electronics

tên linh kiện LM202
Giải thích chi tiết về linh kiện  Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~800V Output Current 2.0A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GOOD-ARK [GOOD-ARK Electronics]
Trang chủ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LM202 bảng dữ liệu(HTML) 1 Page - GOOD-ARK Electronics

  LM202_15 Datasheet HTML 1Page - GOOD-ARK Electronics LM202_15 Datasheet HTML 2Page - GOOD-ARK Electronics LM202_15 Datasheet HTML 3Page - GOOD-ARK Electronics LM202_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM202 thru LM208
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 200~800V Output Current 2.0A
www.goodark.com
1/4
2015.04-Rev.A
Features
• Glass passivated standard bridge rectifiers
• Ideal for automated placement
• Low forward voltage drop
• Low leakage current
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile,Max Height 1.30mm
Typical Applications
For use of general purpose AC to DC bridge rectification in power supply charger office appliance
LPMB
For use of general purpose AC to DC bridge rectification in power supply,charger,office appliance,
home appliance and telecome device.
VRRM
200
400
600
800
V
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
LM202
LM204
LM206
LM208
Unit
Maximum repetitive peak reverse voltage
VRMS
140
280
420
560
V
VDC
200
400
600
800
V
IFSM
A
I
2t
A
2sec
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average output rectified current
Io(AV)
A
2.0
(2)
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
60
Rating for fusing(t<8 3ms)
15 0
1.0
(1)
I
2t
A
2sec
TJ,
TSTG
°C
Rating for fusing(t<8.3ms)
15.0
Operating junction and storage
temperature range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test
Conditions
Symbol
LM202
LM204
LM206
LM208
Unit
Maximum instantaneous
forward voltage
IF=1.0 A,
TA=25℃
VF
Volts
TA=25℃
TA=125℃
Typical junction
capacitance
4.0 V, 1 MHz
CJ
pF
1.1
Maximum DC reverse
current at rated DC
blocking voltage
IR
5
µA
100
15
RθJA
(1)
RθJA
(2)
RθJC
(1)
Notes:
1. On glass epoxy PCB, mounted on 1.3*1.3mm solder pads
2. On 20*20mm aluminum substrate PCB with 1.3*1.3mm solder pads
Thermal Characteristics
Parameter
Symbol
LM202
LM204
LM206
LM208
Unit
Typical thermal resistance
50
/W
45
15
www.goodark.com
1/4
2015.04-Rev.A


Số phần tương tự - LM202_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242 NSC-LM20242 Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20242 TI1-LM20242 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242MH NSC-LM20242MH Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242MH NSC-LM20242MH Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results

Mô tả tương tự - LM202_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GOOD-ARK Electronics
LM210 GOOD-ARK-LM210_15 Datasheet
220Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 1000V Output Current 2.0A
E9736A GOOD-ARK-E9736A_15 Datasheet
223Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers Reverse Voltage 800V Output Current 3A
E9336R GOOD-ARK-E9336R_15 Datasheet
357Kb / 5P
   Low Profile Surface Mount Single Phase Bridge Rectifiers Reverse Voltage 800V Output Current 3A
E9336A GOOD-ARK-E9336A_15 Datasheet
223Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers Reverse Voltage 800V Output Current 3A
LMD02 GOOD-ARK-LMD02_15 Datasheet
223Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LMR02A GOOD-ARK-LMR02A_15 Datasheet
227Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.2
LM102 GOOD-ARK-LM102_15 Datasheet
219Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.0A
LMR02C GOOD-ARK-LMR02C_15 Datasheet
226Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LM02 GOOD-ARK-LM02_15 Datasheet
217Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.8A
LM02 GOOD-ARK-LM02 Datasheet
374Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com