công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11862MC bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện LB11862MC
Giải thích chi tiết về linh kiện  Fan Motor Driver Single-Phase, Full-Wave
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11862MC bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  LB11862MC Datasheet HTML 1Page - ON Semiconductor LB11862MC Datasheet HTML 2Page - ON Semiconductor LB11862MC Datasheet HTML 3Page - ON Semiconductor LB11862MC Datasheet HTML 4Page - ON Semiconductor LB11862MC Datasheet HTML 5Page - ON Semiconductor LB11862MC Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LB11862MC
www.onsemi.com
2
Recommended Operating Conditions at Ta = 25
C (Note 5)
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
3.8 to 16.8
V
ST input High-level voltage
VSTH
3 to 14
V
ST input Low-level voltage
VSTL
-0.3 to 0.4
V
Hall input common-mode input
voltage range
VICM
0.2 to VCC-1.5
V
5. Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the
Recommended Operating Ranges limits may affect device reliability.
Electrical Characteristics Unless otherwise specified Ta
 25C, VCC = 5V (Note 6)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit current
ICC1
Operation mode (CT=L, ST=L)
12
17
mA
ICC2
Lock protection mode (CT=H, ST=L)
2.5
4.0
mA
ICC2
Standby mode (ST=H)
110
150
A
Lock detection capacitor charging
current
ICT1
VCT = 0.2V
1.5
2.1
3.0
A
Capacitor discharging current
ICT2
VCT = 3.0V
0.21
0.35
0.50
A
Capacitor charging / discharging
current ratio
RCT
RCD = ICT1/ICT2
5.0
6.0
8.0
CT charging voltage
VCT1
2.55
2.75
2.95
V
CT discharging voltage
VCT2
1.6
1.8
2.0
V
Output Low-level voltage
VOL
IO = 200mA
0.2
0.3
V
Output High-level voltage
VOH
IO = 200mA
3.9
4.1
V
Hall input sensitivity
VHN
Zero peak value
(including offset hysteresis)
7
15
mA
RD output pin Low-level voltage
VRDL
IRD = 5mA
0.1
0.3
V
RD output pin leakage current
IRDL
VRD = 15V
30
A
HB output Low-level voltage
VHBL
IHB = 5mA
1.0
1.3
V
ST pin input current
IST
VST = 5V
75
100
A
6. Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may
not be indicated by the Electrical Characteristics if operated under different conditions.


Số phần tương tự - LB11862MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11862M SANYO-LB11862M Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11862M SANYO-LB11862M Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
More results

Mô tả tương tự - LB11862MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11961 SANYO-LB11961 Datasheet
119Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
LB1964T SANYO-LB1964T Datasheet
35Kb / 4P
   Fan Motor Single-Phase Full-Wave Driver
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com