công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11693H bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện LB11693H
Giải thích chi tiết về linh kiện  3-Phase Brushless Motor Driver for 24V Fan Motors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11693H bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button LB11693H Datasheet HTML 6Page - ON Semiconductor LB11693H Datasheet HTML 7Page - ON Semiconductor LB11693H Datasheet HTML 8Page - ON Semiconductor LB11693H Datasheet HTML 9Page - ON Semiconductor LB11693H Datasheet HTML 10Page - ON Semiconductor LB11693H Datasheet HTML 11Page - ON Semiconductor LB11693H Datasheet HTML 12Page - ON Semiconductor LB11693H Datasheet HTML 13Page - ON Semiconductor LB11693H Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LB11693H
No.A0287-10/24
LB11693H Overview
1. Output Drive Circuit
The LB11693H reduces motor vibration and noise by switching the output current smoothly when switching phases.
Since the Hall input waveform is used for the change in (slope of) the output current during phase switching, if the
slope of the Hall input waveform is too steep, the change in the output current during phase switching will also be too
steep and the effectiveness of this technique at lowering vibration and noise effect will be reduced. Thus the slope of the
Hall input waveform requires attention during application design.
Low side output transistor PWM switching is used for motor speed control. The drive output is adjusted by changing
the duty. The diodes between the outputs and VM used for the regenerative current when the PWM signal is in the off
state are built in.
If the slope (amplitude) of the Hall input waveform is large, and if used with a high current, the parasitic diodes
between the outputs and ground will operate due to the low side kickback during phase switching. If problems such as
disruption of the waveforms occur, connect either rectifying diodes or Schottky diodes between the outputs and
ground.
2. Power Supply Stabilization
Since the LB11693H uses a control method based on PWM switching, the power supply lines are susceptible to
disruption. Electrolytic capacitors with an adequate capacitance for stabilization must be connected between VCC and
ground. If diodes are inserted in the power supply lines to prevent destruction of the equipment if the power supply is
connected in reverse, the power supply lines will be particularly susceptible to disruption. In this case, even larger
capacitors must be used. The connected electrolytic capacitors must be located as close as possible to the IC pins (VCC,
VM, and GND2). If the electrolytic capacitors cannot be attached close to the pins due to problems with the heat sink or
other issues, ceramic capacitors of about 0.1µF must be attached close to the pins.
3. VREG Pin
At the same time as being the 5V regulator output, the VREG pin is also the power supply for the IC internal control
circuits. Therefore, a capacitor of at least 0.1µF must be connected between the VREG pin and ground to stabilize the
control circuit power supply. The ground side of the connected capacitor must be connected to the GND1 pin with as
short a line as possible.
4. FC Pin
The capacitor connected to the FC pin is required to correct the control loop's frequency characteristics. (It should be
about 0.1µF.)
5. VD Pin
The VD pin supplies the low side output transistor drive current (a maximum of about 0.1A).
The IC internal power consumption is suppressed by connecting a resistor between the VCC and VD pins and dividing
power consumption due to the low side output transistor drive current with that resistor. Although the IC internal power
consumption due to the drive current can be reduced by lowering the VD pin voltage, a voltage of at least 4 V must be
assured at the VD pin. Use a resistor in the range from about 50
Ω (0.5W) to about 100Ω (1W) between the VCC and
VD pins when the LB11693H is used with VCC = 24V.
6. Hall Input Signals
Signal inputs with an amplitude (differential) of at least 50mVp-p are required for the Hall inputs. If the output
waveforms are disrupted by noise, capacitors must be connected between the Hall input pins (the + and - sides).
7. Current Limiter Circuit
The current limiter circuit limits the peak value of the output current to a current determined by the equation I =
VRF/Rf (where VRF = 0.5V (typical), Rf = current detection resistor value). When the limiter operates, it suppresses
the current by PWM control of the low side output transistor at the PWM frequency determined by the external
capacitor connected to the PWM pin, in particular, by reducing the on duty.


Số phần tương tự - LB11693H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
   Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
More results

Mô tả tương tự - LB11693H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
   Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
LB1975 SANYO-LB1975_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LV8121V SANYO-LV8121V Datasheet
230Kb / 14P
   For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
LB11693 SANYO-LB11693 Datasheet
129Kb / 12P
   Three-Phase Brushless Motor Driver for 24 V Fan Motors
logo
Rohm
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com