công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5158A bảng dữ liệu(PDF) 3 Page - Nippon Precision Circuits Inc |
|
SM5158A bảng dữ liệu(HTML) 3 Page - Nippon Precision Circuits Inc |
3 / 7 page NIPPON PRECISION CIRCUITS-3 SM5158A SPECIFICATION Absolute Maximum Ratings Electrical Characteristics Parameter Symbol Rating Unit Supply voltage range VDD - VSS -0.3 to 7.0 V Input voltage range VIN VSS-0.3 to VDD+0.3 V Operating temperature range TOPR -30 to +85 deg.C Storange temperature Tstg -40 to 125 deg.C Solding temperature Tsld 255 deg.C Solding time tsld 10 S Rating Parameter Symbol Condition min typ max Unit Supply Voltage VDD 2.7 5.5 V Supply current in operating mode IDD FIN 200MHz , VFIN=0.5Vp-p sine wave 10 23.5 mA XIN=20MHz, VFIN=0.5Vp-p sine wave Supply current in stanby mode IDD2 R/N latch's all bits="0" - - 10 uA FIN maximum operating frequency fmax1 FIN=0.5Vp-p , sine wave (VDD=2.7V) 100 120 FIN=0.5Vp-p , sine wave (VDD=4.5V) 200 240 XIN maximum operating frequency fmax2 XIN=0.5Vp-p , sine wave(VDD=2.7V) 20 MHz XIN=0.5Vp-p , sine wave(VDD=4.5V) 35 FIN minimum operating frequency fmin1 FIN=0.5Vp-p , sine wave 20 XIN minimum operating frequency fmin2 FIN=0.5Vp-p , sine wave 1 FIN input voltage VFIN fFIN = 20 to 200MHz sine wave , AC coupling 0.5 VDD-0.5 Vp-p XIN input voltage VXIN fXIN = 1 to 35MHz sine wave , AC coupling 0.5 VDD-0.5 Vp-p CLK, DATA, LE HIGH-level input voltage VIH VDD-0.3 uA CLK, DATA, LE LOW-level input voltage VIL 0.3 uA FIN HIGH-level input current IIH1 VIH=VDD 100 uA FIN LOW-level input current IIL1 VIL=0V 100 uA XIN HIGH-level input current IIH2 VIH=VDD 100 uA XIN LOW-level input current IIL2 VIL=0V 100 uA FV, DOP, LD,DOA, FR, OV, OR, IOH VOH=VDD-0.4V 0.4 mA HIGH-level output current FV, DOP, LD,DOA, FR, OV, OR, IOL VOL=0.4V 0.4 mA LOW-level output current DATA to CLK and CLK to LE tsu1 80 ns setup time tsu2 80 ns Hold time tH 80 ns |
Số phần tương tự - SM5158A |
|
Mô tả tương tự - SM5158A |