công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST10-SI-NN bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện ST10-SI-NN
Giải thích chi tiết về linh kiện  DC Advanced Microstep Drive w/ Si Programming
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

ST10-SI-NN bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  ST10-SI-NN Datasheet HTML 1Page - List of Unclassifed Manufacturers ST10-SI-NN Datasheet HTML 2Page - List of Unclassifed Manufacturers ST10-SI-NN Datasheet HTML 3Page - List of Unclassifed Manufacturers ST10-SI-NN Datasheet HTML 4Page - List of Unclassifed Manufacturers ST10-SI-NN Datasheet HTML 5Page - List of Unclassifed Manufacturers ST10-SI-NN Datasheet HTML 6Page - List of Unclassifed Manufacturers ST10-SI-NN Datasheet HTML 7Page - List of Unclassifed Manufacturers ST10-SI-NN Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product Datasheet
www.Applied-Motion.com
ST10-Si-NN
DC Advanced Microstep Drive w/ Si Programming
1pc. - 580.00
50pc. - 435.00
Product Features
Programmable microstepping drive with advanced
current control
100 lines of icon-based program capability
Si Programmer™ is heralded for its programming
ease
Animation mode displays operation in real time,
great for debugging
Wide current range 0.1 to 10.0 A/phase (peak of
sine) with idle current reduction
Advanced anti-resonance algorithm
Torque ripple smoothing
Microstepping and Microstep Emulation
8 digital inputs, 4 digital outputs, optically isolated
RS-232 cable and mating connectors included
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
The ST10-Si-NN stepper drive is a DC-powered microstepping drive for controlling two-phase, bipolar step motors.
It offers advanced current control and a sophisticated 3rd generation anti-resonance algorithm that electronically
dampens motor and system resonances to improve motor smoothness and usable torque over a wide speed
range. The drive also employs electronic torque ripple smoothing and microstep emulation to greatly reduce motor
noise and vibration. The drive must be powered from 24-80 VDC and can output up to 10.0 A/phase (peak-of-
sine) to the step motor. Over-voltage, over-temperature and over-current protection features prevent damage while
running in adverse conditions. The drive is complemented by a specifically matched set of NEMA 23 and NEMA 34
frame stepper motors (see Related and Recommended products below).
The ST10-Si-NN can operate in all of the same control modes as the Q models, plus it has the ability to run a
stand-alone Si program stored in non-volatile memory. Si programs are created using the Si Programmer™
software, which provides unparalleled simplicity in indexer-drive programming via Applied Motion’s unique and
powerful icon-based programming environment. Preconfigured motor setup files included with Si Programmer™
make it easy to set up the drive for optimum results.
For connecting to external devices such as control signals, incremental encoders, limit switches, proximity or
photoelectric sensors, PLC I/O, lamps, and other devices, the drive comes with 8 digital inputs and 4 digital
outputs. Adjustable digital filters are present on the digital inputs for enhanced reliability in noisy environments.
Note: 2 single-ended analog inputs, which can be wired together as 1 differential analog input, are also available,
but not in Si program mode.
The drive comes with an RS-232 port for configuration and programming.
All ST drives are CE approved and RoHS compliant.
Description


Số phần tương tự - ST10-SI-NN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ST10-SI-NE ETC2-ST10-SI-NE Datasheet
1Mb / 9P
   DC Advanced Microstep Drive w/ Si Programming & Encoder Input
ST10-SI-NF ETC2-ST10-SI-NF Datasheet
913Kb / 8P
   DC Advanced Microstep Drive w/ Si Programming & Encoder Input/Output
More results

Mô tả tương tự - ST10-SI-NN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ST5-SI-NN ETC2-ST5-SI-NN Datasheet
688Kb / 7P
   DC Advanced Microstep Drive w/ Si Programming
1240I ETC2-1240I Datasheet
365Kb / 5P
   DC Microstep Drive w/ Si Programming
3540I ETC2-3540I Datasheet
272Kb / 5P
   DC Microstep Drive w/ Si Programming
ST10-SI-NE ETC2-ST10-SI-NE Datasheet
1Mb / 9P
   DC Advanced Microstep Drive w/ Si Programming & Encoder Input
ST10-SI-NF ETC2-ST10-SI-NF Datasheet
913Kb / 8P
   DC Advanced Microstep Drive w/ Si Programming & Encoder Input/Output
ST5-Q-NN ETC2-ST5-Q-NN Datasheet
641Kb / 11P
   DC Advanced Microstep Drive w/ Q Programming
ST5-Q-RN ETC2-ST5-Q-RN Datasheet
641Kb / 11P
   DC Advanced Microstep Drive w/ Q Programming
ST10-Q-RN ETC2-ST10-Q-RN Datasheet
969Kb / 12P
   DC Advanced Microstep Drive w/ Q Programming
ST5-SI-NF ETC2-ST5-SI-NF Datasheet
587Kb / 8P
   DC Advanced Microstep Drive w/ Si Programming & Encoder Input/Output
ST10-PLUS ETC2-ST10-PLUS Datasheet
969Kb / 9P
   DC Advanced Microstep Drive w/ Q Programming
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com