công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST10-Q-EN bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện ST10-Q-EN
Giải thích chi tiết về linh kiện  DC Advanced Microstep Drive w/ Ethernet & Q Programming
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

ST10-Q-EN bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  ST10-Q-EN Datasheet HTML 1Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 2Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 3Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 4Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 5Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 6Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 7Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 8Page - List of Unclassifed Manufacturers ST10-Q-EN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
The ST10-Q-EN stepper drive is a DC-powered microstepping drive for controlling two-phase, bipolar step motors.
It offers advanced current control and a sophisticated 3rd generation anti-resonance algorithm that electronically
dampens motor and system resonances to improve motor smoothness and usable torque over a wide speed
range. The drive also employs electronic torque ripple smoothing and microstep emulation to greatly reduce motor
noise and vibration. The drive must be powered from 24-80 VDC and can output up to 10.0 A/phase (peak-of-
sine) to the step motor. Over-voltage, over-temperature and over-current protection features prevent damage while
running in adverse conditions. The drive is complemented by a specifically matched set of NEMA 23 and NEMA 34
frame stepper motors (see Related and Recommended products below).
The ST10-Q-EN can operate in pulse & direction, velocity, and streaming command modes, plus it has the ability
to run stand-alone Q programs stored in non-volatile memory. Q programs are created using the Q Programmer™
software, which provides multi-tasking, math functions, conditional processing, data register manipulation, and
more features in a robust yet simple text-based programming language. The drive is setup and configured using
Applied Motion’s ST Configurator™ software. Preconfigured motor setup files included with ST Configurator™
make it easy to set up the drive for optimum results.
For connecting to external devices such as control signals, incremental encoders, limit switches, proximity or
photoelectric sensors, PLC I/O, lamps, and other devices, the drive comes with 8 digital inputs, 4 digital outputs,
and 2 single-ended analog inputs (analog inputs can be wired together as 1 differential analog input). Adjustable
digital filters are present on the digital inputs for enhanced reliability in noisy environments.
The drive comes with an Ethernet port for configuration and programming. The Ethernet port is fast 10/100 Mbit,
and the drive supports both TCP and UPD communication protocols.
All ST drives are CE approved and RoHS compliant.
Description


Số phần tương tự - ST10-Q-EN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ST10-Q-EE ETC2-ST10-Q-EE Datasheet
924Kb / 9P
   DC Advanced Microstep Drive w/ Ethernet & Encoder Input
More results

Mô tả tương tự - ST10-Q-EN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ST5-Q-EN ETC2-ST5-Q-EN Datasheet
589Kb / 8P
   DC Advanced Microstep Drive w/ Ethernet & Q Programming
ST5-Q-NN ETC2-ST5-Q-NN Datasheet
641Kb / 11P
   DC Advanced Microstep Drive w/ Q Programming
ST5-Q-RN ETC2-ST5-Q-RN Datasheet
641Kb / 11P
   DC Advanced Microstep Drive w/ Q Programming
ST10-Q-RN ETC2-ST10-Q-RN Datasheet
969Kb / 12P
   DC Advanced Microstep Drive w/ Q Programming
ST10-PLUS ETC2-ST10-PLUS Datasheet
969Kb / 9P
   DC Advanced Microstep Drive w/ Q Programming
ST5-PLUS ETC2-ST5-PLUS Datasheet
751Kb / 8P
   DC Advanced Microstep Drive w/ Q Programming
ST10-Q-NN ETC2-ST10-Q-NN Datasheet
969Kb / 12P
   DC Advanced Microstep Drive w/ Q Programming
STAC5-Q-N220 ETC2-STAC5-Q-N220 Datasheet
863Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming
STAC5-Q-N120 ETC2-STAC5-Q-N120 Datasheet
862Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming
ST10-Q-NE ETC2-ST10-Q-NE Datasheet
970Kb / 12P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com