công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST10-C-CN bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện ST10-C-CN
Giải thích chi tiết về linh kiện  DC CANopen Advanced Microstepping Drive
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

ST10-C-CN bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  ST10-C-CN Datasheet HTML 1Page - List of Unclassifed Manufacturers ST10-C-CN Datasheet HTML 2Page - List of Unclassifed Manufacturers ST10-C-CN Datasheet HTML 3Page - List of Unclassifed Manufacturers ST10-C-CN Datasheet HTML 4Page - List of Unclassifed Manufacturers ST10-C-CN Datasheet HTML 5Page - List of Unclassifed Manufacturers ST10-C-CN Datasheet HTML 6Page - List of Unclassifed Manufacturers ST10-C-CN Datasheet HTML 7Page - List of Unclassifed Manufacturers ST10-C-CN Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product Datasheet
www.Applied-Motion.com
ST10-C-CN
DC CANopen Advanced Microstepping Drive
1pc. - 631.00
50pc. - 473.25
Product Features
Advanced current control microstepping drive with
built-in CANopen networking
CANopen DS301 and DSP402 supported
Profile position and velocity modes
Several homing modes
Objects for Q programming
Objects for data registers
Wide current range 0.1 to 10.0 A/phase (peak of
sine) with idle current reduction
Advanced anti-resonance algorithm
Torque ripple smoothing
Microstepping and Microstep Emulation
8 digital inputs, 4 digital outputs, optically isolated
2 analog inputs, +/-10 volt range
RS-232 cable and mating connectors included
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
The ST10-C-CN stepper drive is a DC-powered microstepping drive for controlling two-phase, bipolar step motors.
It offers advanced current control and a sophisticated 3rd generation anti-resonance algorithm that electronically
dampens motor and system resonances to improve motor smoothness and usable torque over a wide speed
range. The drive also employs electronic torque ripple smoothing and microstep emulation to greatly reduce motor
noise and vibration. The drive must be powered from 24-80 VDC and can output up to 10.0 A/phase (peak-of-
sine) to the step motor. Over-voltage, over-temperature and over-current protection features prevent damage while
running in adverse conditions. The drive is complemented by a specifically matched set of NEMA 23 and NEMA 34
frame stepper motors (see Related and Recommended products below).
The ST10-C-CN is designed to operate on a CANopen communication network and conforms to Can in
Automation (CiA) DS301 and DSP402 specifications. It supports Profile Position, Profile Velocity, and Homing
modes, as well as the ability to run stored Q programs via Applied Motion-specific CANopen objects. The drive is
setup and configured using Applied Motion’s ST Configurator™ software. Preconfigured motor setup files included
with ST Configurator™ make it easy to set up the drive for optimum results.
For connecting to external devices such as control signals, incremental encoders, limit switches, proximity or
photoelectric sensors, PLC I/O, lamps, and other devices, the drive comes with 8 digital inputs, 4 digital outputs,
and 2 single-ended analog inputs (analog inputs can be wired together as 1 differential analog input). Adjustable
digital filters are present on the digital inputs for enhanced reliability in noisy environments.
The drive comes with an RS-232 port for configuration and programming. It also comes with a CANopen port for
connecting to the CANopen data network.
All ST drives are CE approved and RoHS compliant.
Description


Số phần tương tự - ST10-C-CN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ST10-C-CE ETC2-ST10-C-CE Datasheet
934Kb / 9P
   DC CANopen Advanced Microstep Drive w/ Encoder Input
More results

Mô tả tương tự - ST10-C-CN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ST5-C-CN ETC2-ST5-C-CN Datasheet
603Kb / 7P
   DC CANopen Advanced Microstep Drive
ST10-C-CE ETC2-ST10-C-CE Datasheet
934Kb / 9P
   DC CANopen Advanced Microstep Drive w/ Encoder Input
ST5-C-CE ETC2-ST5-C-CE Datasheet
606Kb / 8P
   DC CANopen Advanced Microstep Drive w/ Encoder Input
STAC6-C-220 ETC2-STAC6-C-220 Datasheet
368Kb / 7P
   AC CANopen Advanced Microstep Drive w/ Encoder Input
STAC6-C ETC2-STAC6-C Datasheet
488Kb / 7P
   AC CANopen Advanced Microstep Drive w/ Encoder Input
SV7-C-CE ETC2-SV7-C-CE Datasheet
211Kb / 4P
   CANopen Servo Drive
logo
STMicroelectronics
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
   Microstepping stepper motor drive
logo
List of Unclassifed Man...
ST5-S ETC2-ST5-S Datasheet
635Kb / 7P
   DC Advanced Microstep Drive
ST10-S ETC2-ST10-S Datasheet
962Kb / 8P
   DC Advanced Microstep Drive
STR4 ETC2-STR4 Datasheet
439Kb / 5P
   DC Advanced Microstep Drive
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com