công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5010AH3S bảng dữ liệu(PDF) 5 Page - Nippon Precision Circuits Inc |
|
SM5010AH3S bảng dữ liệu(HTML) 5 Page - Nippon Precision Circuits Inc |
5 / 14 page SM5010 series NIPPON PRECISION CIRCUITS—5 Electrical Characteristics 5010 ×N× series 3 V operation: VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = −10 to 70 °C unless otherwise noted. 5010 ×N×, ×K× series 5 V operation: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C unless otherwise noted. P arameter Symbol Condition Rating Unit min typ m a x HIGH-level output voltage V OH Q: Measurement cct 1, V DD = 2.7 V, IOH = 8 m A 2.1 2.4 – V L O W -level output voltage V OL Q: Measurement cct 2, V DD = 2.7 V, IOL = 8 m A – 0.3 0.4 V Output leakage current IZ Q: Measurement cct 2, I N H = L O W , V DD = 3.6 V, VOH = V DD –– 1 0 µA Q: Measurement cct 2, I N H = L O W , V DD = 3.6 V, VOL = V SS –– 1 0 HIGH-level input voltage V IH INH 2.0 – – V L O W -level input voltage V IL INH – – 0.5 V Current consumption IDD Measurement cct 3, load cct 1, INH = open, CL = 15 pF, f = 30 M H z 5010 ×N1 TBD mA 5010 ×N2 5010 ×N3 5010 ×N4 INH pull-up resistance R UP1 Measurement cct 4 – 1 0 0 – k Ω Feedback resistance R f Measurement cct 5 – 2 0 0 – k Ω Oscillator amplifier output resistance R D Design value 5010B ×× – 820 – Ω Built-in capacitance C G Design value, determined by the internal w afer pattern 5010A ××, 5010B×× TBD pF C D pF P arameter Symbol Condition Rating Unit min typ m a x HIGH-level output voltage V OH Q: Measurement cct 1, V DD = 4.5 V, IOH = 16 m A 3.9 4.2 – V L O W -level output voltage V OL Q: Measurement cct 2, V DD = 4.5 V, IOL = 16 m A – 0.3 0.4 V Output leakage current IZ Q: Measurement cct 2, I N H = L O W , V DD = 5.5 V, VOH = V DD –– 1 0 µA Q: Measurement cct 2, I N H = L O W , V DD = 5.5 V, VOL = V SS –– 1 0 HIGH-level input voltage V IH INH 2.0 – – V L O W -level input voltage V IL INH – – 0.8 V Current consumption IDD Measurement cct 3, load cct 2, INH = open, CL = 50 pF, f = 30 M H z 5010 ×N1 TBD mA 5010 ×N2 5010 ×N3 5010 ×N4 Measurement cct 3, load cct 1, INH = open, CL = 15 pF, f = 30 M H z 5010 ×K × INH pull-up resistance R UP1 Measurement cct 4 – 1 0 0 – k Ω Feedback resistance R f Measurement cct 5 – 2 0 0 – k Ω Oscillator amplifier output resistance R D Design value 5010B ×× – 820 – Ω Built-in capacitance C G Design value, determined by the internal w afer pattern 5010A ××, 5010B×× TBD pF C D pF |
Số phần tương tự - SM5010AH3S |
|
Mô tả tương tự - SM5010AH3S |