công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC79431KNE bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện LC79431KNE
Giải thích chi tiết về linh kiện  Dot-Matrix LCD Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79431KNE bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  LC79431KNE Datasheet HTML 1Page - ON Semiconductor LC79431KNE Datasheet HTML 2Page - ON Semiconductor LC79431KNE Datasheet HTML 3Page - ON Semiconductor LC79431KNE Datasheet HTML 4Page - ON Semiconductor LC79431KNE Datasheet HTML 5Page - ON Semiconductor LC79431KNE Datasheet HTML 6Page - ON Semiconductor LC79431KNE Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LC79431KNE
No. A2124-2/7
Specifications
Absolute Maximum Ratings at Ta = 25
±2°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage (Logic)
VDD max
-0.3 to +7.0
V
Maximum supply voltage (LCD)
VDD-VEE max
*1
0 to 35
V
Maximum input voltage
VI max
-0.3 to VDD+0.3
V
Storage temperature
Tstg
-40 to +125
°C
Note *1 The following relations between elements should be maintained: VDD≥V1>V2>V5>VEE, VDD-V2≤7V,
V5-VEE≤7V
Allowable Operating Ranges at Ta = -20 to +85
°C, VSS = 0V
Parameter
Symbol
Conditions
min
typ
max
unit
Supply voltage (Logic)
VDD
2.7
5.5
V
Supply voltage (LCD)
VDD-VEE
*2, 3
12
32
V
Input high level voltage
VIH
DIO1, DIO80, CP, M, RS/LS,
DISPOFF
0.8VDD
V
Input low level voltage
VIL
DIO1, DIO80, CP, M, RS/LS,
DISPOFF
0.2VDD
V
CP Shift clock
fCP
CP
1
MHz
CP pulse width
tWC
CP
63
ns
Setup time
tSETUP
DIO1
→ CP, DIO80 → CP
100
ns
Hold time
tHOLD
DIO1
→ CP, DIO80 → CP
100
ns
CP rise time
tR
CP
50
ns
CP fall time
tF
CP
50
ns
Note *2 The following relations between elements should be maintained: VDD≥V1>V2>V5>VEE, VDD-V2≤7V,
V5-VEE≤7V
*3 When the power supply is turned on, power to the LCD driver is turned on after or simultaneously with the
turning on of the logic section’s power supply. When the power supply is turned off, the logic power supply is
turned off after or at the same time the LCD driver power supply is turned off.
Electrical Characteristics at Ta = 25
±2°C, VDD = 2.7 to 5.5V
Parameter
Symbol
Conditions
min
typ
max
unit
Input high level current
IIH
VIN=VDD, VDD=5.5V, DIO1, DIO80,
CP, M, RS/LS, DISPOFF
1
μA
Input low level current
IIL
VIN=VSS, VDD=5.5V, DIO1, DIO80,
CP, M, RS/LS, DISPOFF
-1
μA
Output high level voltage
VOH
IOH=-0.4mA, DIO1, DIO80
VDD-0.4
V
Output low level voltage
VOL
IOL=0.4mA, DIO1, DIO80
0.4
V
RON(1)
VDD-VEE=30V, ⎜VDE-VO⎜=0.5V
VDD=4.5V, O1 to O80 *4
1.0
k
Ω
Driver on resistance
RON(2)
VDD-VEE=20V, ⎜VDE-VO⎜=0.5V
VDD=4.5V, O1 to O80 *4
1.0
k
Ω
Consumable current drain (1)
ISS
VDD-VEE=30V, CP=14kHz
no-load, VDD=5.5V ; VSS
100
μA
Consumable current drain (2)
IEE
VDD-VEE=30V, CP=14kHz
no-load, VDD=5.5V ; VEE
100
μA
Input capacitance
CI
f=1MHz ; CP
6
pF
Note *4 VDE = V1 or V2 or V5 or VEE, V1 = VDD, V2 = 16/17 (VDD-VEE), V5 = 1/17 (VDD-VEE)
Switching Characteristics at Ta = 25
±2°C, VSS = 0V, VDD = 2.7 to 5.5V
Parameter
Symbol
Conditions
min
typ
max
unit
tPLH
CL=15pF ; CP
→ DIO1, CP → DIO80
250
ns
Output delay time
tPHL
CL=15pF ; CP
→ DIO1, CP → DIO80
250
ns
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Số phần tương tự - LC79431KNE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC79431KNE SANYO-LC79431KNE Datasheet
121Kb / 7P
   Dot-Matrix LCD Drivers
More results

Mô tả tương tự - LC79431KNE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC7940YC SANYO-LC7940YC Datasheet
257Kb / 13P
   Dot-matrix LCD Drivers
LC79430KNE SANYO-LC79430KNE Datasheet
123Kb / 7P
   Dot-Matrix LCD Drivers
LC79431KNE SANYO-LC79431KNE Datasheet
121Kb / 7P
   Dot-Matrix LCD Drivers
LC7940YD SANYO-LC7940YD Datasheet
243Kb / 11P
   Dot-matrix LCD Drivers
logo
ON Semiconductor
LC79401KNE-E ONSEMI-LC79401KNE-E Datasheet
89Kb / 8P
   Dot-Matrix LCD Drivers
July, 2013
LC79430KNE ONSEMI-LC79430KNE Datasheet
120Kb / 7P
   Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
   Dot-Matrix LCD Drivers
LC7940KD SANYO-LC7940KD Datasheet
112Kb / 13P
   CMOS IC Dot-Matrix LCD Drivers
LC7942KD SANYO-LC7942KD Datasheet
70Kb / 8P
   CMOS IC Dot-Matrix LCD Drivers
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
   Dot-Matrix LCD Driver
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com