công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC78615E-01US-H bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện LC78615E-01US-H
Giải thích chi tiết về linh kiện  Compact Disc Player IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC78615E-01US-H bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button LC78615E-01US-H Datasheet HTML 5Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 6Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 7Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 8Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 9Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 10Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 11Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 12Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LC78615E
www.onsemi.com
9
Pin
No.
Pin name
I/O
State when
“Reset”
Function
54
CONT12
I/O
Input(Low)
General purpose I/O port with pull down resistor
LR clock input for CD data (exclusive with CONT04 and CONT09)
C2 error flag output for CD data
Block synchronization signal (SBSY) output for CD subcode
Data request signal input for CD-TEXT interface (exclusive with CONT04, CONT08
and CONT09)
55
CONT13
I/O
Input(Low)
General purpose I/O port with pull down resistor
Bit clock output for CD data
Bit clock input for CD data(exclusive with CONT05 and CONT10)
Frame synchronization signal (SFSY) output for CD subcode
Clock input/output for CD-TEXT interface (exclusive with CONT05 and CONT10)
56
CONT14
I/O
Input(Low)
General purpose I/O port with pull down resistor
Serial data output for CD data
PW data output in CD subcode
Serial data output for CD-TEXT interface
Watch Dog Timer state monitor output
57
MODE
I
Input
LSI mode set input. This pin must be connected to the DVDD level.
58
DVDD15
AO
High
Capacitor connection pin for internal regulator
59
DVDD
Digital system power supply
60
XVSS
Oscillator ground. This pin must be connected to the 0V level.
61
XOUT
O
Oscillation 16.9344MHz oscillator connection
62
XIN
I
Oscillation 16.9344MHz oscillator connection
63
XVDD
Oscillator power supply
64
SLCO
AO
Undefined
Slice Level Control output
<Notes>
(1) For Unused pins :
 The unused input pins must be connected to the GND(0V) level if there is no individual note in the above table.
 The unused output pins must be left open(No connection) if there is no individual note in the above table.
 The unused input/output pins must be connected to the GND(0V) or power supply pin for I/O block with internal
pull down/up resistor OFF or be left open with internal pull down/up resistor ON when input pin mode or must be
left open(No connection ) when output pin mode if there is no individual note in the above table.
When you connect an I/O pin which is an input pin without internal pull-down/up resistor at reset mode to the
GND or power supply level, we recommend you to use pull-down resistor or pull-up resistor individually as
fail-safe.
(2) For Power supply pins :
 Same voltage level must be supplied to DVDD, AVDD, XVDD and VVDD1 power supply pins.
(3) For “Reset” condition :
 This IC is not reset only by making the RESB pin “Low”.
Refer to “4. Power on and Reset control” for detail of “Reset” condition.


Số phần tương tự - LC78615E-01US-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC78616PE ONSEMI-LC78616PE Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
LC78616PE-6D02-H ONSEMI-LC78616PE-6D02-H Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
logo
Sanyo Semicon Device
LC7861KE SANYO-LC7861KE Datasheet
484Kb / 18P
   Digital Signal Processor for Compact Disc Players
More results

Mô tả tương tự - LC78615E-01US-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com