công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC78615E-01US-H bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện LC78615E-01US-H
Giải thích chi tiết về linh kiện  Compact Disc Player IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC78615E-01US-H bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button LC78615E-01US-H Datasheet HTML 3Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 4Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 5Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 6Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 7Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 8Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 9Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 10Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LC78615E
www.onsemi.com
7
Pin Description
Pin
No.
Pin name
I/O
State when
“Reset”
Function
1
EFMIN
AI
Input
RF signal input
2
RFOUT
AO
Undefined
RF signal output
3
LPF
AO
Undefined
RF signal DC level detection low-pass filter capacitor connection
4
PHLPF
AO
Undefined
Defect detection low-pass filter capacitor connection
5
AIN
AI
Input
A signal input
6
CIN
AI
Input
C signal input
7
BIN
AI
Input
B signal input
8
DIN
AI
Input
D signal input
9
SLCISET
AI
Input
SLCO output current setting resistor connection
10
RFMON
AO
Undefined
IC internal analog signal monitor
11
VREF
AO
AVDD/2
Reference voltage output for RF
12
JITTC
AO
Undefined
Jitter detection capacitor connection
13
EIN
AI
Input
E signal input
14
FIN
AI
Input
F signal input
15
TE
AO
Undefined
TE signal output
16
TEIN
AI
Input
TE signal input used for TES signal generation
17
AVSS
Analog system ground. This pin must be connected to the 0V level.
18
AVDD
Analog system power supply
19
LDD
AO
Undefined
Laser power control signal output
20
LDS
AI
Input
Laser power detection signal input
21
FDO
AO
AVDD/2
Focus control signal output
22
TDO
AO
AVDD/2
Tracking control signal output
23
SLDO
AO
AVDD/2
Sled control signal output
24
SPDO
AO
AVDD/2
Spindle control signal output
25
VVSS1
EFMPLL ground. This pin must be connected to the 0V level.
26
PDOUT1
AO
Undefined
EFMPLL charge pump output 1
27
PDOUT0
AO
Undefined
EFMPLL charge pump output 0
28
PCKIST
AI
Input
EFMPLL charge pump current setting resistor connection pin
29
VVDD1
EFMPLL power supply
30
NC
NC Pin (Open)
31
NC
NC Pin (Open)
32
DVDD15
AO
High
Capacitor connection pin for internal regulator
33
DVDD
Digital system power supply
34
DVSS
Digital system ground. This pin must be connected to the 0V level.
35
TEST
I
Input
Test input. This pin must be connected to the 0V level.
36
CONT00
I/O
Input(High)
General purpose I/O port with pull up resistor
SBCK clock input for CD subcode data (exclusive with CONT07 and CONT11)
37
CONT01
I/O
Input(Low)
General purpose I/O port with pull down resistor
Block synchronization signal (SBSY) output for CD subcode
38
CONT02
I/O
Input(Low)
General purpose I/O port with pull down resistor
Frame synchronization signal (SFSY) output for CD subcode
39
CONT03
I/O
Input(Low)
General purpose I/O port with pull down resistor
PW data output in CD subcode
Watch Dog Timer state monitor output
40
CONT04
I/O
Input(Low)
General purpose I/O port with pull down resistor
LR clock output for CD data
LR clock input for CD data (exclusive with CONT09 and CONT12)
Block synchronization signal (SBSY) output for CD subcode
Data request signal input for CD-TEXT interface (exclusive with CONT08, CONT09
and CONT12)


Số phần tương tự - LC78615E-01US-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC78616PE ONSEMI-LC78616PE Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
LC78616PE-6D02-H ONSEMI-LC78616PE-6D02-H Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
logo
Sanyo Semicon Device
LC7861KE SANYO-LC7861KE Datasheet
484Kb / 18P
   Digital Signal Processor for Compact Disc Players
More results

Mô tả tương tự - LC78615E-01US-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com