công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11696V bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện LB11696V
Giải thích chi tiết về linh kiện  Direct PWM Drive Brushless Motor Predriver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11696V bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  LB11696V Datasheet HTML 1Page - ON Semiconductor LB11696V Datasheet HTML 2Page - ON Semiconductor LB11696V Datasheet HTML 3Page - ON Semiconductor LB11696V Datasheet HTML 4Page - ON Semiconductor LB11696V Datasheet HTML 5Page - ON Semiconductor LB11696V Datasheet HTML 6Page - ON Semiconductor LB11696V Datasheet HTML 7Page - ON Semiconductor LB11696V Datasheet HTML 8Page - ON Semiconductor LB11696V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LB11696V
www.onsemi.com
3
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[CSD Oscillator (CSD pin)]
High-level output voltage
VOH (CSD)
Low-level output voltage
VOL (CSD)
External capacitor charge current
ICHG1
VCSD = 2 V
External capacitor discharge current
ICHG2
VCSD = 2 V
Charge/discharge current ratio
RCSD
(Charge current)/(discharge current)
times
[RD Pin]
Low-level output voltage
VRDL
IO = 10 mA
Output leakage current
IL (RD)
VO = 18 V
[Current Limiter Circuit (RF pin)]
Limiter voltage
VRF
RF-RFGND
[Undervoltage Protection Circuit (LVS pin)]
Operating voltage
VSDL
Release voltage
VSDH
Hysteresis
VSD
[PWMIN Pin]
Input frequency
f (PI)
kHz
High-level input voltage
VIH (PI)
Low-level input voltage
VIL (PI)
Input open voltage
VIO (PI)
Hysteresis
VIS (PI)
High-level input current
IIH (PI)
VPWMIN = VREG
Low-level input current
IIL (PI)
VPWMIN = 0 V
μA
[S/S Pin]
High-level input voltage
VIH (SS)
Low-level input voltage
VIL (SS)
Hysteresis
VIS (SS)
High-level input current
IIH (SS)
VS/S = VREG
Low-level input current
IIL (SS)
VS/S = 0 V
μA
[F/R Pin]
High-level input voltage
VIH (FR)
Low-level input voltage
VIL (FR)
Input open voltage
VIO (FR)
Hysteresis
VIS (FR)
High-level input current
IIH (FR)
VF/R = VREG
Low-level input current
IIL (FR)
VF/R = 0 V
μA
[N1 Pin]
High-level input voltage
VIH (N1)
Low-level input voltage
VIL (N1)
Input open voltage
VIO (N1)
High-level input current
IIH (N1)
VN1 = VREG
Low-level input current
IIL (N1)
VN1 = 0 V
μA
[N2 Pin]
High-level input voltage
VIH (N2)
Low-level input voltage
VIL (N2)
Input open voltage
VIO (N2)
High-level input current
IIH (N2)
VN2 = VREG
Low-level input current
IIL (N2)
VN2 = 0 V
μA
Continued from preceding page.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Số phần tương tự - LB11696V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
LB11696V ONSEMI-LB11696V Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V-MPB-E ONSEMI-LB11696V-MPB-E Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
More results

Mô tả tương tự - LB11696V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
logo
Sanyo Semicon Device
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
   For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LV8136V SANYO-LV8136V Datasheet
236Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
logo
ON Semiconductor
LV8136V ONSEMI-LV8136V Datasheet
214Kb / 19P
   Direct PWM Drive, Quiet Predriver IC
May, 2013
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com