công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5006CNES bảng dữ liệu(PDF) 8 Page - Nippon Precision Circuits Inc |
|
SM5006CNES bảng dữ liệu(HTML) 8 Page - Nippon Precision Circuits Inc |
8 / 18 page SM5006 series NIPPON PRECISION CIRCUITS—8 5V operation: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C unless otherwise noted. P arameter S y m b o l Condition Rating Unit min typ m a x HIGH-level output voltage V OH Q: Measurement cct 1, V DD = 4.5 V, IOH = 16 m A 4.0 4.2 – V L O W -level output voltage V OL Q: Measurement cct 2, V DD = 4.5 V, IOL = 16 m A – 0.3 0.4 V Output leakage current IZ Q: Measurement cct 2, I N H = L O W , V DD = 5.5 V V OH = V DD –– 1 0 µA V OL = V SS –– 1 0 HIGH-level input voltage V IH INH 2.0 – – V L O W -level input voltage V IL INH – – 0.8 V Current consumption IDD INH = open, Measurement cct 3, load cct 1, V DD = 4.5 to 5.5 V, C L = 50 pF f = 30 M H z SM5006ANAS CF5006ANA –1 8 3 5 mA f = 40 M H z SM5006ANBS CF5006ANB –2 0 4 0 f = 60 M H z CF5006ANC – 3 0 6 0 f = 60 MHz, Ta = –20 to 80 °C SM5006ANCS – 3 0 5 0 f = 70 M H z CF5006AND CF5006BNC –4 0 8 0 f = 70 MHz, Ta = –20 to 80 °C SM5006ANDS SM5006BNCS –4 0 7 0 INH = open, Measurement cct 3, load cct 1, V DD = 4.5 to 5.5 V f = 60 MHz, C L = 15 pF, Ta = –15 to 75 °C CF5006CNC – 2 8 5 0 f = 60 MHz, C L = 15 pF, Ta = 0 to 70 °C SM5006CNCS – 2 8 5 0 f = 70 MHz, C L = 15 pF, Ta = –15 to 75 °C CF5006CND CF5006DNC –3 5 6 5 f = 70 MHz, C L = 15 pF, Ta = 0 to 70 °C SM5006CNDS SM5006DNCS –3 5 6 5 f = 100 MHz, C L = 15 pF, Ta = –20 to 80 °C CF5006CNE CF5006DNE –4 5 8 0 f = 100 MHz, C L = 15 pF, Ta = 0 to 70 °C SM5006CNES SM5006DNES –4 5 8 0 f = 100 MHz, C L = 30 pF CF5006ANE – 5 0 1 0 0 f = 100 MHz, C L = 15 pF SM5006ANES – 4 5 9 0 f = 107 MHz, C L = 30 pF, Ta = –20 to 80 °C CF5006ANF CF5006BNE – 6 0 100 f = 107 MHz, C L = 15 pF, Ta = –20 to 80 °C SM5006ANFS SM5006BNES –5 0 9 0 INH pull-up resistance R UP Measurement cct 4 5 0 – 1 5 0 k Ω Feedback resistance R f Measurement cct 5 SM5006ANAS , CF5006ANA 6.97 8.2 9.43 k Ω SM5006ANBS , CF5006ANB 4.76 5.6 6.44 SM5006ANCS , CF5006ANC SM5006CNCS , CF5006CNC 4.16 4.9 5.64 SM5006ANDS , CF5006AND SM5006ANES , CF5006ANE SM5006ANFS , CF5006ANF SM5006CNDS , CF5006CND SM5006CNES , CF5006CNE 2.21 2.6 2.99 Built-in resistance R G Design value, determined by the Rf value 1 7 2 0 2 3 Ω R D Design value, determined by the Rf value 1 7 2 0 2 3 Built-in capacitance C G Design value, determined by the internal wafer pattern 7.44 8 8.56 pF C D Design value, determined by the internal wafer pattern 14.88 1 6 17.12 |
Số phần tương tự - SM5006CNES |
|
Mô tả tương tự - SM5006CNES |