công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LC786961W-H bảng dữ liệu(PDF) 9 Page - ON Semiconductor |
|
LC786961W-H bảng dữ liệu(HTML) 9 Page - ON Semiconductor |
9 / 29 page LC786961W No.A2081-9/29 Pin Description Pin No. Pin name I/O State when "Reset" Function 1 EFMIN AI Input RF signal input 2 RFOUT AO Undefined RF signal output 3 LPF AO Undefined RF signal DC level detection low-pass filter capacitor connection 4 PHLPF AO Undefined Defect detection low-pass filter capacitor connection 5 AIN AI Input A signal input 6 CIN AI Input C signal input 7 BIN AI Input B signal input 8 DIN AI Input D signal input 9 SLCISET AI Input SLCO output current setting resistor connection 10 RFMON AO Undefined IC internal analog signal monitor 1 11 VREF AO AVDD/2 VREF voltage output 12 JITTC AO Undefined Jitter detection capacitor connection 13 EIN AI Input E signal input 14 FIN AI Input F signal input 15 TE AO Undefined TE signal output 16 TEIN AI Input TE signal input used for TES signal generation 17 LDD AO Undefined Laser power control signal output 18 LDS AI Input Laser power detection signal input 19 AVSS - - Analog system ground. This pin must be connected to the 0V level. 20 AVDD - - Analog system power supply 21 YADO1 AI/AO Input AD input 1/FE signal monitor output 22 YADO2 AI/AO Input AD input 2/IC internal analog signal monitor 2 23 FDO AO AVDD/2 Focus control signal output 24 TDO AO AVDD/2 Tracking control signal output 25 SLDO AO AVDD/2 Sled control signal output 26 SPDO AO AVDD/2 Spindle control signal output 27 VVDD1 - - EFMPLL power supply 28 PDOUT1 AO Undefined EFMPLL charge pump output 1 29 PDOUT0 AO Undefined EFMPLL charge pump output 0 30 PCNCNT AI Input EFMPLL charge pump control voltage input 31 PCKIST AI Input EFMPLL charge pump current setting resistor connection pin 32 VVSS1 - - EFMPLL ground. This pin must be connected to the 0V level. 33 PMODE0 I Input Must be connected to the DVDD. 34 PMODE1 I Input Must be connected to the DVDD. 35 GP26 I/O Input (L) General purpose I/O port with pull down resistor 36 GP27 I/O Input (L) General purpose I/O port with pull down resistor 37 GP10 I/O Input (L) General purpose I/O port with pull down resistor UART1 data transmit 38 GP11 I/O Input (L) General purpose I/O port with pull down resistor UART1 data receive 39 GP12 I/O Input (L) General purpose I/O port with pull down resistor Clock control input 1 40 GP13 I/O Input (L) General purpose I/O port with pull down resistor Clock control input 2 Watch Dog Timer state monitor output SDRAM lower byte data mask control output SDRAM-DQML (LDQM) pin should be connected for 64Mbit-SDRAM (Only when “byte access” is enabled.) 41 SDDAT15 I/O Input (L) SDRAM data input/output 15 (pull down resistor) 42 SDDAT14 I/O Input (L) SDRAM data input/output 14 (pull down resistor) 43 SDDAT13 I/O Input (L) SDRAM data input/output 13 (pull down resistor) 44 SDDAT12 I/O Input (L) SDRAM data input/output 12 (pull down resistor) 45 DVDD - - Digital system power supply 46 DVSS - - Digital system ground. This pin must be connected to the 0V level. Continued to the next page. |
Số phần tương tự - LC786961W-H |
|
Mô tả tương tự - LC786961W-H |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |