công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11600JV bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện LB11600JV
Giải thích chi tiết về linh kiện  Brushless Motor Predriver IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11600JV bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  LB11600JV Datasheet HTML 1Page - ON Semiconductor LB11600JV Datasheet HTML 2Page - ON Semiconductor LB11600JV Datasheet HTML 3Page - ON Semiconductor LB11600JV Datasheet HTML 4Page - ON Semiconductor LB11600JV Datasheet HTML 5Page - ON Semiconductor LB11600JV Datasheet HTML 6Page - ON Semiconductor LB11600JV Datasheet HTML 7Page - ON Semiconductor LB11600JV Datasheet HTML 8Page - ON Semiconductor LB11600JV Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
82511 SY/D2706 MS IM 20060831-S00005 / 92706 / D0205 MH OT B8-8935 No.8321-1/30
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
LB11600JV
Overview
The LB11600JV is a direct PWM drive predriver IC appropriate for 3-phase power brushless motors in automotive
applications. This IC can implement either high side PWM drive or low side PWM drive motor driver circuits
depending on the configuration of the output circuits, which use discrete transistors such as MOSFETs or bipolar
transistors. In addition to a full complement of protection functions, including overcurrent, thermal, motor constraint,
and undervoltage protection, the LB11600JV also provides an integrated speed control function. Thus the LB11600JV
can implement high reliability/high functionality drive circuits.
Functions
• Three-phase bipolar drive (UH, VH, and WH pins, PWM control)
• Forward/reverse switching circuit
• Overcurrent protection circuit
• Undervoltage protection circuit
• Motor constraint protection circuit
• Thermal protection circuit
• Speed control circuit
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Rated value
Unit
Supply voltage
VCC max
VCC Pin
14.5
V
Output Circuit current
IO max
UL, VL, WL, UH, VH, and WH pins
40
mA
Allowable power dissipation
Pd max
Independent IC
0.5
W
Operating temperature
Topr
-40 to 100
°C
Storage temperature
Tstg
-55 to 150
°C
Ordering number : EN8321B
Monolithic Digital IC
Brushless Motor Predriver IC for
Automotive Applications
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Số phần tương tự - LB11600JV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
LB11600JV SANYO-LB11600JV Datasheet
365Kb / 30P
   Brushless Motor Predriver IC for Automotive Applications
LB11600JV SANYO-LB11600JV_11 Datasheet
365Kb / 30P
   Brushless Motor Predriver IC for Automotive Applications
More results

Mô tả tương tự - LB11600JV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
logo
STMicroelectronics
L8150 STMICROELECTRONICS-L8150 Datasheet
732Kb / 37P
   Brushless motor predriver
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV_11 Datasheet
365Kb / 30P
   Brushless Motor Predriver IC for Automotive Applications
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
logo
Sanyo Semicon Device
LB1823 SANYO-LB1823 Datasheet
118Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com