công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4933 bảng dữ liệu(PDF) 1 Page - GOOD-ARK Electronics

tên linh kiện 1N4933
Giải thích chi tiết về linh kiện  Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GOOD-ARK [GOOD-ARK Electronics]
Trang chủ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

1N4933 bảng dữ liệu(HTML) 1 Page - GOOD-ARK Electronics

  1N4933_15 Datasheet HTML 1Page - GOOD-ARK Electronics 1N4933_15 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
1. Thermal resistance from junction to ambient, and from junction to lead at 0.375" (9.5mm) lead length, P.C.B. mounted
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
123
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Ratings at 25oC ambient temperature unless otherwise specified.
Plastic package has Underwriters Laboratories Flammability
Classification 94V-0
Fast switching for high efficiency
Construction utilizes void-free molded plastic technique
1.0 Ampere operation at T
A=75
oC with no thermal runaway
High temperature soldering guaranteed: 250oC/10 seconds,
0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
T
J is 150
oC (Max.) and T
STG is 175
oC (Max.) with PI glue
Case: JEDEC DO-204AL (DO-41)/A-405, molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: DO-41 - 0.012 ounce, 0.33 gram
A-405 - 0.008 ounce, 0.22 gram
7
3
9
4
N
1
u
r
h
t
3
3
9
4
N
1
s
r
e
i
f
i
t
c
e
R
y
r
e
v
o
c
e
R
t
s
a
F
e
r
e
p
m
A
0
.
1
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
0
6
o
t
0
5
e
g
a
t
l
o
V
e
s
r
e
v
e
R
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S3
3
9
4
N
14
3
9
4
N
15
3
9
4
N
16
3
9
4
N
17
3
9
4
N
1s
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
0
20
0
40
0
6s
t
l
o
V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
70
4
10
8
20
2
4s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
0
20
0
40
0
6s
t
l
o
V
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
l
d
a
e
l
)
m
m
5
.
9
(
"
5
7
3
.
0
A
5
7
=
oC
I
)
V
A
(
F
0
.
1p
m
A
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
T
t
a
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
A
5
7
=
oC
I
M
S
F
0
.
0
3s
p
m
A
)
1
e
t
o
N
(
t
n
e
r
r
u
c
y
r
e
v
o
c
e
r
e
s
r
e
v
e
r
m
u
m
i
x
a
MI
M
R
0
.
2s
p
m
A
A
0
.
1
t
a
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
MV
F
2
.
1s
t
l
o
V
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
T
@
A
5
2
=
oC
T
@
A
0
0
1
=
oC
I
R
0
.
5
0
0
1
uA
I
t
a
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
r
m
u
m
i
x
a
M
F
I
,
A
5
.
0
=
R
,
A
0
.
1
=
I
r
r
A
5
2
.
0
=
t
r
r
0
0
2
nS
z
H
M
1
,
V
0
.
4
t
a
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
TC
J
2
1
pF
)
1
e
t
o
N
(
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
R
θ A
J
R
θ L
J
5
5
5
2
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
Note: Lead diameter is 0.025(0.64)/0.021(0.53) for suffix "S" part numbers


Số phần tương tự - 1N4933_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Compact Technology Corp...
1N4933 CTC-1N4933_15 Datasheet
100Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1N4933 LRC-1N4933_15 Datasheet
200Kb / 7P
   Plastic package has Underwriters Laboratory
logo
Diodes Incorporated
1N4933 DIODES-1N4933_15 Datasheet
65Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
logo
Rugao Dachang Electroni...
1N4933 DACHANG-1N4933_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
logo
Diotec Semiconductor
1N4933 DIOTEC-1N4933_15 Datasheet
131Kb / 2P
   Fast Recovery Rectifier Diodes
More results

Mô tả tương tự - 1N4933_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GOOD-ARK Electronics
1N493 GOOD-ARK-1N493_15 Datasheet
212Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
1N4933G GOOD-ARK-1N4933G_15 Datasheet
178Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
logo
Kingtronics Internation...
FR101 KINGTRONICS-FR101 Datasheet
168Kb / 2P
   FAST RECOVERY RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
Weitron Technology
1N4933 WEITRON-1N4933 Datasheet
1Mb / 3P
   Axial Lead Fast Recovery Rectifier REVERSE VOLTAGE 50-600 VOLTS FORWARD CURRENT 1.0 AMPERE
logo
GOOD-ARK Electronics
GR1A GOOD-ARK-GR1A_15 Datasheet
169Kb / 2P
   Fast Recovery Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
1F1G GOOD-ARK-1F1G_15 Datasheet
159Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
BA157 GOOD-ARK-BA157_15 Datasheet
177Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 400 to 1000 Volts Forward Current 1.0 Ampere
RL101FG GOOD-ARK-RL101FG_15 Datasheet
156Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
1F1G GOOD-ARK-1F1G Datasheet
158Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
FR101G GOOD-ARK-FR101G_15 Datasheet
166Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com