công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1408-8DR2 bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC1408-8DR2
Giải thích chi tiết về linh kiện  8?뭕it Multiplying D/A Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1408-8DR2 bảng dữ liệu(HTML) 7 Page - ON Semiconductor

  MC1408-8DR2 Datasheet HTML 1Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 2Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 3Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 4Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 5Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 6Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 7Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 8Page - ON Semiconductor MC1408-8DR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC1408−8
http://onsemi.com
7
Monotonicity
A monotonic converter is one which always provides an
analog output greater than or equal to the preceding value for
a corresponding increment in the digital input code. The
MC1408−8 is monotonic for all values of reference current
above 0.5 mA. The recommended range for operation is a
DC reference current between 0.5 mA and 4.0 mA.
Settling Time
The worst case switching condition occurs when all bits
are switched on, which corresponds to a low−to−high
transition for all input bits. This time is typically 70 ns for
settling to within 1/2LSB for 8−bit accuracy. This time
applies when RL < 500
W and CO < 25 pF. The slowest single
switch is the least significant bit, which typically turns on
and settles in 65 ns. In applications where the D−to−A
converter functions in a positive going ramp mode, the
worst−case condition does not occur and settling times less
than 70 ns may be realized.
Extra care must be taken in board layout since this usually
is the dominant factor in satisfactory test results when
measuring settling time. Short leads, 100
mF supply
bypassing for low frequencies, minimum scope lead length,
good ground planes, and avoidance of ground loops are all
mandatory.
5
6
7
8
9
10
11
12
3
MC1408
13
14
15
1
2
4
16
CO ≤ 25pF
R14
0.1
mF
RL
eIN
VEE
VCC
15pF
0.1
mF
0.1
mF
eO
FOR SETTLING TIME
MEASUREMENT
(ALL BITS
SWITCHED LOW
TO HIGH)
2.4V
0.4V
1.0V
SETTLING TIME
0
0
TRANSIENT
RESPONSE
−100
mV
FOR TURN OFF
MEASUREMENT
USE RL to GND
1.4V
RL = 50W
PIN 4 TO GND
tS = 70ns TYPICAL
TO
±1/2LSB
tPLH
tPHL
tPHL = tPLH = 10ns
RL = 500W
eIN
+2VDC
Figure 6. Transient Response and Settling Time
INPUTS
5
6
7
8
9
10
11
12
3
MC1408
13
14
15
1
2
4
16
VEE
VCC
I
O +
K
A
1
2
)
A
2
4
)
A
3
8
)
A
4
16
)
A
5
32
)
A
6
64
)
A
7
128
)
A
8
256
where K
+
V
REF
R
14
and AN = “1” IF AN IS AT HIGH LEVEL
AN = “0” IF AN IS AT LOW LEVEL
DIGITAL
IEE
IO
I15
I14
R14
R15
VO
OUTPUT
RL
VI
II
(+)
ICC
VREF(+)
(SEE TEXT FOR VALUES OF C)
TYPICAL VALUES R14 = R15 = 1k
VREF = +2.0V
C = 15pF
A1
A2
A3
A4
A5
A6
A7
A8
Figure 7. Notation Definitions
VI AND II APPLY TO INPUTS A1 THROUGH A8
THE RESISTOR TIED TO PIN 15 IS TO TEMPERATURE
COMPENSATE THE BIAS CURRENT AND MAY NOT BE
NECESSARY FOR ALL APPLICATIONS
1.0k
W
1.0k
W
51
W


Số phần tương tự - MC1408-8DR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC1408-8D PHILIPS-MC1408-8D Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
MC1408-8D PHILIPS-MC1408-8D Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
More results

Mô tả tương tự - MC1408-8DR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
   8-BIT 8-CH MULTIPLYING D-A CONVERTER
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Advanced Linear Devices
ALD1801A ALD-ALD1801A Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com