công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1408-8DG bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện MC1408-8DG
Giải thích chi tiết về linh kiện  8?뭕it Multiplying D/A Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1408-8DG bảng dữ liệu(HTML) 6 Page - ON Semiconductor

  MC1408-8DG Datasheet HTML 1Page - ON Semiconductor MC1408-8DG Datasheet HTML 2Page - ON Semiconductor MC1408-8DG Datasheet HTML 3Page - ON Semiconductor MC1408-8DG Datasheet HTML 4Page - ON Semiconductor MC1408-8DG Datasheet HTML 5Page - ON Semiconductor MC1408-8DG Datasheet HTML 6Page - ON Semiconductor MC1408-8DG Datasheet HTML 7Page - ON Semiconductor MC1408-8DG Datasheet HTML 8Page - ON Semiconductor MC1408-8DG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC1408−8
http://onsemi.com
6
Output Voltage Range
The voltage at Pin 4 must always be at least 4.5 V more
positive than the voltage of the negative supply (Pin 3) when
the reference current is 2.0 mA or less, and at least 8 V more
positive than the negative supply when the reference current
is between 2.0 mA and 4.0 mA. This is necessary to avoid
saturation of the output transistors, which would cause
serious degradation of accuracy.
ON Semiconductor’s MC1408−8 does not need a range
control because the design extends the compliance range
down to 4.5 V (or 8.0 V−see above) above the negative
supply voltage without significant degradation of accuracy.
ON Semiconductor’s MC1408−8 can be used in sockets
designed for other manufacturers’ MC1408 without circuit
modification.
Output Current Range
Any time the full−scale current exceeds 2.0 mA, the
negative supply must be at least 8.0 V more negative than
the output voltage. This is due to the increased internal
voltage drops between the negative supply and the outputs
with higher reference currents.
Accuracy
Absolute accuracy is the measure of each output current
level with respect to its intended value, and is dependent
upon relative accuracy, full−scale accuracy and full−scale
current drift. Relative accuracy is the measure of each output
current level as a fraction of the full−scale current after
zero−scale current has been nulled out. The relative
accuracy of the MC1408−8 is essentially constant over the
operating temperature range because of the excellent
temperature tracking of the monolithic resistor ladder. The
reference current may drift with temperature, causing a
change in the absolute accuracy of output current; however,
the MC1408−8 has a very low full−scale current drift over
the operating temperature range.
The MC1408−8 series is guaranteed accurate to within
±1/2 LSB at +25 °C at a full−scale output current of
1.99 mA. The relative accuracy test circuit is shown in
Figure 5. The 12−bit converter is calibrated to a full−scale
output current of 1.99219 mA; then the MC1408−8’s
full−scale current is trimmed to the same value with R14 so
that a zero value appears at the error amplifier output. The
counter is activated and the error band may be displayed on
the oscilloscope, detected by comparators, or stored in a
peak detector.
Two 8−bit D−to−A converters may not be used to
construct a 16−bit accurate D−to−A converter. 16−bit
accuracy implies a total of
±1/2 part in 65,536, or
±0.00076%, which is much more accurate than the ±0.19%
specification of the MC1408−8.
MSB
A1
A2
A3
A4
A5
A6
A7
A8A9A10A11 A12
12-BIT
D-TO-A
CONVERTER
ERROR MAX)
0 TO +10V OUTPUT
ERROR (1V = 1%)
NE530
LSB
5
6
7
8
9
10
11
12
MSB
LSB
MC1408
8-BIT
COUNTER
15 16 3
2
1
4
14
13
+
C
(
±0.02%
VCC
VREF = 2V
VEE
0.1
mF
R14
Figure 5. Relative Accuracy
5k
W
50k
W
1k
W
100
W
950
W


Số phần tương tự - MC1408-8DG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC1408-8D PHILIPS-MC1408-8D Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
MC1408-8D PHILIPS-MC1408-8D Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
More results

Mô tả tương tự - MC1408-8DG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
   8-BIT 8-CH MULTIPLYING D-A CONVERTER
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Advanced Linear Devices
ALD1801A ALD-ALD1801A Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com