công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL074M bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL074M
Giải thích chi tiết về linh kiện  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL074M bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TL074M Datasheet HTML 3Page - Texas Instruments TL074M Datasheet HTML 4Page - Texas Instruments TL074M Datasheet HTML 5Page - Texas Instruments TL074M Datasheet HTML 6Page - Texas Instruments TL074M Datasheet HTML 7Page - Texas Instruments TL074M Datasheet HTML 8Page - Texas Instruments TL074M Datasheet HTML 9Page - Texas Instruments TL074M Datasheet HTML 10Page - Texas Instruments TL074M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
−75
1
TA − Free-Air Temperature − °C
125
1000
−50
−25
0
25
50
75
100
2
4
10
20
40
100
200
400
VCC± = ±15 V
VO = ±10 V
RL = 2 kΩ
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
0
0
|VCC±| − Supply Voltage − V
16
±15
2
4
6
8
10
12
14
±2.5
±5
±7.5
±10
±12.5
RL = 10 kΩ
TA = 25°C
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
0.1
0
RL − Load Resistance − kΩ
10
±15
±2.5
±5
±7.5
±10
±12.5
VCC± = ±15 V
TA = 25°C
See Figure 2
0.2
0.4
0.7 1
2
4
7
MAXIMUM PEAK OUTPUT VOLTAGE
vs
LOAD RESISTANCE
−75
0
TA − Free-Air Temperature − °C
125
±15
−50
−25
0
25
50
75
100
±2.5
±5
±7.5
±10
±12.5
RL = 10 kΩ
VCC± = ±15 V
See Figure 2
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
RL = 2 kΩ
TL072-EP, TL074-EP
www.ti.com
SLOS747F – OCTOBER 2011 – REVISED DECEMBER 2012
TYPICAL CHARACTERISTICS (continued)
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various
devices.
Figure 7.
Figure 8.
Figure 9.
Figure 10.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TL072-EP TL074-EP


Số phần tương tự - TL074M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TL074M STMICROELECTRONICS-TL074M Datasheet
108Kb / 11P
   LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL074M TI1-TL074M Datasheet
2Mb / 51P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL074M TI1-TL074M Datasheet
2Mb / 68P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL074M TI-TL074M Datasheet
2Mb / 69P
[Old version datasheet]   TL07xx Low-Noise JFET-Input Operational Amplifiers
TL074M TI-TL074M Datasheet
4Mb / 80P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
More results

Mô tả tương tự - TL074M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
TL072 DIODES-TL072 Datasheet
186Kb / 11P
   LOW NOISE JFET INPUT OPERATIONAL
TL072 Rev. 1
logo
Texas Instruments
OPA827 TI-OPA827 Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA827 BURR-BROWN-OPA827_07 Datasheet
233Kb / 8P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
OPA827 BURR-BROWN-OPA827 Datasheet
162Kb / 7P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
logo
NTE Electronics
NTE857M NTE-NTE857M Datasheet
28Kb / 3P
   Integrated Circuit Low-Noise JFET-Input Operational Amplifier
logo
Texas Instruments
OPA827AIDGKR TI-OPA827AIDGKR Datasheet
1Mb / 27P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com