công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33064LP bảng dữ liệu(PDF) 4 Page - Microsemi Corporation

tên linh kiện MC33064LP
Giải thích chi tiết về linh kiện  UNDERVOLTAGE SENSING CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MC33064LP bảng dữ liệu(HTML) 4 Page - Microsemi Corporation

  MC33064LP Datasheet HTML 1Page - Microsemi Corporation MC33064LP Datasheet HTML 2Page - Microsemi Corporation MC33064LP Datasheet HTML 3Page - Microsemi Corporation MC33064LP Datasheet HTML 4Page - Microsemi Corporation MC33064LP Datasheet HTML 5Page - Microsemi Corporation MC33064LP Datasheet HTML 6Page - Microsemi Corporation MC33064LP Datasheet HTML 7Page - Microsemi Corporation MC33064LP Datasheet HTML 8Page - Microsemi Corporation MC33064LP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TRANSIENT IMMUNE UNDERVOLTAGE SENSING CIRCUIT
MC33064/MC34064
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.3
6/99
4
P RODUCTION
D AT A
S HEET
GRAPH / CURVE INDEX
Characteristic Curves
FIGURE #
1.
INPUT VOLTAGE and RESET OUTPUT VOLTAGE vs. TIME
2.
POWER-UP RESET VOLTAGE
3.
POWER-DOWN RESET VOLTAGE
4.
RESET OUTPUT VOLTAGE vs. INPUT VOLTAGE
5.
THRESHOLD VOLTAGE vs. TEMPERATURE
6.
THRESHOLD HYSTERESIS vs. TEMPERATURE
7.
SUPPLY CURRENT vs. INPUT VOLTAGE
8.
SUPPLY CURRENT vs. TEMPERATURE
9.
LOW LEVEL OUTPUT CURRENT vs TEMPERATURE
10.
LOW LEVEL OUTPUT SATURATION VOLTAGE vs. TEMPERATURE
11.
LOW LEVEL OUTPUT SATURATION VOLTAGE vs. TEMPERATURE
12.
CLAMP DIODE FORWARD VOLTAGE vs. FORWARD CURRENT
13.
PROPAGATION DELAY — HIGH to LOW
14.
PROPAGATION DELAY — LOW to HIGH
FIGURE INDEX
Application Circuits
FIGURE #
15.
LOW VOLTAGE MICROPROCESSOR RESET
16.
SWITCHING THE LOAD OFF WHEN BATTERY REACHES BELOW 4.3V
17.
VOLTAGE MONITOR
18.
MOSFET LOW VOLTAGE GATE DRIVE PROTECTION
19.
LOW VOLTAGE MICROPROCESSOR RESET with ADDITIONAL
HYSTERESIS
20.
SOLAR POWERED BATTERY CHARGER


Số phần tương tự - MC33064LP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33064 MOTOROLA-MC33064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC33064D-005 ONSEMI-MC33064D-005 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC33064D-005 ONSEMI-MC33064D-005 Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
MC33064D-005G ONSEMI-MC33064D-005G Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results

Mô tả tương tự - MC33064LP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com