công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34164LP bảng dữ liệu(PDF) 7 Page - Microsemi Corporation

tên linh kiện MC34164LP
Giải thích chi tiết về linh kiện  5V UNDERVOLTAGE SENSING CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MC34164LP bảng dữ liệu(HTML) 7 Page - Microsemi Corporation

  MC34164LP Datasheet HTML 1Page - Microsemi Corporation MC34164LP Datasheet HTML 2Page - Microsemi Corporation MC34164LP Datasheet HTML 3Page - Microsemi Corporation MC34164LP Datasheet HTML 4Page - Microsemi Corporation MC34164LP Datasheet HTML 5Page - Microsemi Corporation MC34164LP Datasheet HTML 6Page - Microsemi Corporation MC34164LP Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
5V U NDER VOL T A G E S ENSING C IRCUIT
MC33164/MC34164
PRODUCT DA T ABOOK 1996/1997
7
Copyright © 1997
Rev. 1.5
11/97
P RODUCTION D AT A S HEET
TYPICAL APPLICATION CIRCUITS
FIGURE 8. — LOW-VOLTAGE MICROPROCESSOR RESET
POWER
SUPPLY
1.2 V
REF
RESET
2
1.0k
1
3
FIGURE 9. — VOLTAGE MONITOR
FIGURE 7. — SWITCHING THE LOAD OFF WHEN
BATTERY VOLTAGE REACHES BELOW 4.3V
A time delayed reset can be accomplished with the addition of C
DLY
.
For systems with extremely fast power supply rise times (< 500ns) it
is recommended that the RC
DLY time constant be greater than 5.0µs.
V
TH(MPU) is the microprocessor reset input threshold.
POWER
SUPPLY
1.2 V
REF
MICROPROCESSOR
CIRCUIT
RESET
C
DLY
R
2
1
3
1.2 V
REF
LOAD
RESET
2
4
1
1.2 V
REF
2
270
4.3V
V
CC
R
L
SMP60N03-10L
1
3
FIGURE 10. — MOSFET LOW-VOLTAGE GATE DRIVE PROTECTION
Overheating of the logic level power MOSFET due to insufficient
gate voltage can be prevented with the above circuit. When the
input signal is below the 4.3 volt threshold of the MC34164, its
output grounds the gate of the L
2 MOSFET.
t
DLY = R CDLY In
V
TH(MPU)
V
IN
1 -
1


Số phần tương tự - MC34164LP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
MC34164 ONSEMI-MC34164 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
MC34164 ONSEMI-MC34164 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
logo
Microsemi Corporation
MC34164-3 MICROSEMI-MC34164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC34164-3 MICROSEMI-MC34164-3 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results

Mô tả tương tự - MC34164LP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com