công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34164-3LP bảng dữ liệu(PDF) 9 Page - Microsemi Corporation

tên linh kiện MC34164-3LP
Giải thích chi tiết về linh kiện  3V UNDERVOLTAGE SENSING CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MC34164-3LP bảng dữ liệu(HTML) 9 Page - Microsemi Corporation

  MC34164-3LP Datasheet HTML 1Page - Microsemi Corporation MC34164-3LP Datasheet HTML 2Page - Microsemi Corporation MC34164-3LP Datasheet HTML 3Page - Microsemi Corporation MC34164-3LP Datasheet HTML 4Page - Microsemi Corporation MC34164-3LP Datasheet HTML 5Page - Microsemi Corporation MC34164-3LP Datasheet HTML 6Page - Microsemi Corporation MC34164-3LP Datasheet HTML 7Page - Microsemi Corporation MC34164-3LP Datasheet HTML 8Page - Microsemi Corporation MC34164-3LP Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
3V U NDER V O L T AGE S ENSING C IRCUIT
MC33164-3/MC34164-3
PRODUCT DA T ABOOK 1996/1997
9
Copyright © 1999
Rev. 1.2
6/99
P RODUCTION
D AT A
S HEET
TYPICAL APPLICA TION CIRCUITS
FIGURE 16. — LOW VOLTAGE MICROPROCESSOR RESET
1.2V
REF
Power
Supply
RESET
V
IN
1.0k
FIGURE 18. — VOLTAGE MONITOR
FIGURE 17. — SWITCHING THE LOAD OFF WHEN
BATTERY REACHES BELOW 2.7V
A time delayed reset can be accomplished with the addition of C
DLY.
For systems with extremely fast power supply rise times (< 500ns) it
is recommended that the RC
DLY time constant be greater than 5.0µs.
V
TH(MPU) is the microprocessor reset input threshold.
V
TH(MPU)
V
IN
1 -
t
DLY = R CDLY In
1
1.2 V
REF
V
IN
RESET
Microprocessor
Circuit
C
DLY
Power
Supply
R
Load
1.2V
REF
RESET
V
IN
LED turns on when V
IN < 2.7V indicating Power Supply is low.
RESET
V
IN
SOLAR
CELLS
1.2V
REF
FIGURE 20. — SOLAR POWERED BATTERY CHARGER
PRODUCTION DATA - Information contained in this document is proprietary to LinFinity, and is current as of publication date. This document
may not be modified in any way without the express written consent of LinFinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.


Số phần tương tự - MC34164-3LP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC34164-3LP ETC2-MC34164-3LP Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results

Mô tả tương tự - MC34164-3LP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com