công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX1622-05-01 bảng dữ liệu(PDF) 4 Page - Microsemi Corporation

tên linh kiện LMX1622-05-01
Giải thích chi tiết về linh kiện  DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LMX1622-05-01 bảng dữ liệu(HTML) 4 Page - Microsemi Corporation

  LMX1622-05-01 Datasheet HTML 1Page - Microsemi Corporation LMX1622-05-01 Datasheet HTML 2Page - Microsemi Corporation LMX1622-05-01 Datasheet HTML 3Page - Microsemi Corporation LMX1622-05-01 Datasheet HTML 4Page - Microsemi Corporation LMX1622-05-01 Datasheet HTML 5Page - Microsemi Corporation LMX1622-05-01 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 0.5,2001-01-18
RangeMAX
LXM1622-05-xx
DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
PRELIMINARY DATA SHEET
A
M I CROSEM I
COM P A N Y

   
    

LAMP VOLTAGE & LAMP CURRENT – BURST MODE OPERATION
 !"  – 50% Burst Duty Cycle
 !" # – 5% Burst Duty Cycle
Rather than using the traditional dimming technique of
varying
lamp
current
magnitude
to
adjust
light
output,
RangeMAX inverters use a fixed lamp current value with a duty
cycle control method.
The lamp current burst width can be modulated from 100%
(continuous lamp current) down to a 5% duty cycle, allowing the
lamp to be dimmed to less than 3% of its full brightness.
As can be seen in Trace 4 of Figure 3 photo at right, careful
design consideration was given to controlling lamp start voltage
to softly start current flow. This eliminates current overshoot
that can result in premature cathode wear and reduce lamp life.
 !" $ – 5% Burst Duty Cycle (Expanded Time Base)
R a mp G en.
T ransfo rm er
Drive r
H igh Voltage
T ransfo rm er
C o mparator
Ra m p
+
-
I
SEN SE
V
SEN SE
V
BR IT E
0.25 -
2.2V
DC
V
SYN C
V
LO
V
HI
V
LO
V
HI
  – RangeMAX Simplified Block Diagram
HIGHLIGHTS
Integrated brightness control circuit includes a DC
voltage to pulse width converter that minimizes system
design work and system noise susceptibility.
This
provides a familiar and convenient interface while
reducing the potential for externally induced noise,
which can cause lamp flicker.
RangeMAX inverter modules are designed to operate
with the burst frequency synchronized to the video frame
rate.
This provides operation with no visible display
disturbances caused by beat frequencies between the
lamps and video frame rates. In this synchronous mode,
the inverter burst rate operates at twice the video refresh
rate, well beyond standard 50/60Hz video refresh rates
where the eye can perceive pulsing light.


Số phần tương tự - LMX1622-05-01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
LMX1622-12-01 MICROSEMI-LMX1622-12-01 Datasheet
239Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LMX1622-12-02 MICROSEMI-LMX1622-12-02 Datasheet
239Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LMX1622-12-03 MICROSEMI-LMX1622-12-03 Datasheet
239Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
More results

Mô tả tương tự - LMX1622-05-01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
LXM1622-12-XX MICROSEMI-LXM1622-12-XX Datasheet
239Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
   Digital Dimming CCFL Inverter Module
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX_10 Datasheet
296Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1614 MICROSEMI-LXM1614 Datasheet
323Kb / 9P
   DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE
LXM1614E-14-11 MICROSEMI-LXM1614E-14-11 Datasheet
299Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXMG1614E-14-11 MICROSEMI-LXMG1614E-14-11 Datasheet
341Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXM1615-03-XX MICROSEMI-LXM1615-03-XX Datasheet
122Kb / 5P
   3.6/5V 2W, DIGITAL DIMMING CCFL INVERTER MODULE
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com