công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC78211-E bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện LC78211-E
Giải thích chi tiết về linh kiện  Analog Function Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC78211-E bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  LC78211-E Datasheet HTML 1Page - ON Semiconductor LC78211-E Datasheet HTML 2Page - ON Semiconductor LC78211-E Datasheet HTML 3Page - ON Semiconductor LC78211-E Datasheet HTML 4Page - ON Semiconductor LC78211-E Datasheet HTML 5Page - ON Semiconductor LC78211-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Pin Functions
Operation
1. Data Input Procedure
The LC78211, LC78212 and LC78213 are controlled by inputting specified data to the CL, DI and CE pins. The
input data consists of 12 bits, of which four bits are address and eight bits are data.
Bits correspond to the L1 to L8 and R1 to R8 analog switches, and a value of one turns the corresponding switch on,
and a value of zero turns it off.
0.........Off
1.........On
The address is used when the chip is connected to a shared bus. The data (address) that must be transmitted depends
on the S pin and the particular product as shown in the table below.
Note: The bit for switch eight in the LC78213 is a “don’t care” bit, that is it can be either 0 or 1 without affecting
chip function. This is because the LC78213 has two sets of seven (not eight) circuits.
No. 4817-5/6
LC78211, 78212, 78213
Pin
I/O
Internal equivalent circuit
Pin function
VDD, VSS, VEE
L1 to L8, R1 to R8,
LCOM1 to LCOM4,
RCOM1 to RCOM4
CL, DI, CE
S
RES
I
I
I
See the block diagram.
Power supply
Analog switch input and output
Serial data input (Schmitt buffer)
CL ..............Clock input
DI ...............Data input
CE .............Chip enable
Selection of one of two chips
The address is set to the values shown in the table below according to
the level input to the S pin.
Reset input
The states of the analog switches are undefined when power is first
applied. Setting this pin low will force all switches the off state.
Product
S pin
Address
level
A0
A1
A2
A3
LC78211
L
0
1
0
1
H
1
1
0
1
LC78212
L
0
0
1
1
H
1
0
1
1
LC78213
L
0
1
1
1
H
1
1
1
1
Product
S pin
Address
level
A0
A1
A2
A3
LC78211
L
0
1
0
1
H
1
1
0
1
LC78212
L
0
0
1
1
H
1
0
1
1
LC78213
L
0
1
1
1
H
1
1
1
1


Số phần tương tự - LC78211-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78211 SANYO-LC78211 Datasheet
115Kb / 6P
   Analog Function Switch
More results

Mô tả tương tự - LC78211-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78211 SANYO-LC78211 Datasheet
115Kb / 6P
   Analog Function Switch
LC7824 SANYO-LC7824 Datasheet
94Kb / 5P
   Analog Function Switch
logo
New Japan Radio
NJU7313A NJRC-NJU7313A Datasheet
193Kb / 5P
   ANALOG FUNCTION SWITCH???
logo
Princeton Technology Co...
PT233 PTC-PT233 Datasheet
85Kb / 2P
   Analog Function Switch
logo
Sanyo Semicon Device
LC7821 SANYO-LC7821 Datasheet
134Kb / 6P
   Analog Function Switch
logo
New Japan Radio
NJU7311A NJRC-NJU7311A Datasheet
196Kb / 5P
   ANALOG FUNCTION SWITCH
logo
Toshiba Semiconductor
TC9152P TOSHIBA-TC9152P Datasheet
247Kb / 10P
   ANALOG FUNCTION SWITCH
1994-11-28
logo
New Japan Radio
NJU7312A NJRC-NJU7312A Datasheet
194Kb / 5P
   ANALOG FUNCTION SWITCH?
logo
Toshiba Semiconductor
TC9162AN TOSHIBA-TC9162AN Datasheet
401Kb / 12P
   HIGH VOLTAGE ANALOG FUNCTION SWITCH ARRAY
TC9208N TOSHIBA-TC9208N Datasheet
473Kb / 13P
   HIGH TENSION SUSTAINING ANALOG FUNCTION SWITCH
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com