công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1846-EP bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện UC1846-EP
Giải thích chi tiết về linh kiện  CURRENT-MODE PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UC1846-EP bảng dữ liệu(HTML) 1 Page - Texas Instruments

  UC1846-EP_15 Datasheet HTML 1Page - Texas Instruments UC1846-EP_15 Datasheet HTML 2Page - Texas Instruments UC1846-EP_15 Datasheet HTML 3Page - Texas Instruments UC1846-EP_15 Datasheet HTML 4Page - Texas Instruments UC1846-EP_15 Datasheet HTML 5Page - Texas Instruments UC1846-EP_15 Datasheet HTML 6Page - Texas Instruments UC1846-EP_15 Datasheet HTML 7Page - Texas Instruments UC1846-EP_15 Datasheet HTML 8Page - Texas Instruments UC1846-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
DW PACKAGE
(TOP VIEW)
C/S SS
Shutdown
VIN
B Out
VC
GND
A Out
Sync
RT
VREF
C/S–
C/S+
E/A+
E/A–
COMP
CT
DESCRIPTION/ORDERING INFORMATION
UC1846-EP
CURRENT-MODE PWM CONTROLLER
SGLS329 – MAY 2006
Controlled Baseline
Soft-Start Capability
– One Assembly/Test Site, One Fabrication
Shutdown Terminal
Site
500-kHz Operation
Extended Temperature Performance of –55
°C
to 125
°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree (1)
Automatic Feed-Forward Compensation
Programmable Pulse-by-Pulse Current
Limiting
Automatic Symmetry Correction in Push-Pull
Configuration
Enhanced Load-Response Characteristics
Parallel Operation Capability for Modular
Power Systems
Differential Current-Sense Amplifier With
Wide Common-Mode Range
Double Pulse Suppression
500-mA (Peak) Totem-Pole Outputs
±1% Bandgap Reference
Undervoltage Lockout
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The UC1846-EP control IC provides all of the necessary features to implement fixed-frequency, current-mode
control schemes, while maintaining a minimum external parts count. The superior performance of this technique
can be measured in improved line regulation, enhanced load-response characteristics, and a simpler,
easier-to-design control loop. Topological advantages include inherent pulse-by-pulse current-limiting capability,
automatic symmetry correction for push-pull converters, and the ability to parallel power modules, while
maintaining equal current sharing.
Protection circuitry includes built-in undervoltage lockout and programmable current limit, in addition to soft-start
capability. A shutdown function is also available, which can initiate either a complete shutdown with automatic
restart or latch the supply off.
Other features include fully latched operation, double pulse suppression, deadline adjust capability, and a
±1%
trimmed bandgap reference.
The UC1846-EP features low outputs in the OFF state.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - UC1846-EP_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1846-EP TI1-UC1846-EP Datasheet
338Kb / 15P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

Mô tả tương tự - UC1846-EP_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com