công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100EP196AMNR4G bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC100EP196AMNR4G
Giải thích chi tiết về linh kiện  3.3 V ECL Programmable Delay Chip
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP196AMNR4G bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC100EP196AMNR4G Datasheet HTML 6Page - ON Semiconductor MC100EP196AMNR4G Datasheet HTML 7Page - ON Semiconductor MC100EP196AMNR4G Datasheet HTML 8Page - ON Semiconductor MC100EP196AMNR4G Datasheet HTML 9Page - ON Semiconductor MC100EP196AMNR4G Datasheet HTML 10Page - ON Semiconductor MC100EP196AMNR4G Datasheet HTML 11Page - ON Semiconductor MC100EP196AMNR4G Datasheet HTML 12Page - ON Semiconductor MC100EP196AMNR4G Datasheet HTML 13Page - ON Semiconductor MC100EP196AMNR4G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MC100EP196A
http://onsemi.com
10
Table 11. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −3.6 V or VCC = 3.0 V to 3.6 V; VEE = 0 V (Note 14)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency
1.2
1.2
1.2
GHz
tPLH
tPHL
Propagation Delay
IN to Q; D(0−10) = 0
IN to Q; D(0−10) = 1023
EN to Q; D(0−10) = 0
D0 to CASCADE
1650
9500
1600
300
2050
11500
2150
420
2450
13500
2600
500
1800
10000
1800
350
2200
12200
2300
450
2600
14000
2800
550
1950
10800
2000
425
2350
13300
2500
525
2750
15800
3000
625
ps
tRANGE
Programmable Range
tPD (max) − tPD (min)
7850
9450
8200
10000
8850
10950
ps
Dt
Step Delay (Note 15)
D0 High
D1 High
D2 High
D3 High
D4 High
D5 High
D6 High
D7 High
D8 High
D9 High
13
27
44
90
130
312
590
1100
2250
4500
14
30
47
97
140
335
650
1180
2400
4800
41
100
145
360
690
1300
2650
5300
ps
NLIN
Non−Linearity (Note 21)
TBD
ps
tSKEW
Duty Cycle Skew (Note 16)
|tPHL−tPLH|
25
25
25
ps
ts
Setup Time
D to LEN
D to IN (Note 17)
EN to IN (Note 18)
200
300
300
0
140
150
200
300
300
0
160
170
200
300
300
0
180
180
ps
th
Hold Time
LEN to D
IN to EN (Note 19)
200
400
60
250
200
400
100
280
200
400
80
300
ps
tR
Release Time
EN to IN (Note 20)
SET MAX to LEN
SET MIN to LEN
150
400
350
−25
200
275
150
400
350
−75
250
200
150
400
350
−50
300
225
ps
tjitter
RMS Random Clock Jitter @ 1.2 GHz
IN to Q; D(0:10) = 0 or SETMIN
IN to Q; D(0:10) = 1023 or SETMAX
0.86
0.89
1.16
1.09
1.12
1.02
ps
VPP
Input Voltage Swing
(Differential Configuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Time @ 50 MHz
20−80% (Q)
20−80% (CASCADE)
85
100
100
140
135
200
85
110
110
150
135
200
95
130
125
170
155
220
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
14. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V.
15. Specification limits represent the amount of delay added with the assertion of each individual delay control pin. The various combinations
of asserted delay control inputs will typically realize D0 resolution steps across the specified programmable range.
16. Duty cycle skew guaranteed only for differential operation measured from the cross point of the input to the cross point of the output.
17. This setup time defines the amount of time prior to the input signal the delay tap of the device must be set.
18. This setup time is the minimum time that EN must be asserted prior to the next transition of IN/IN to prevent an output response greater than
±75 mV to that IN/IN transition.
19. This hold time is the minimum time that EN must remain asserted after a negative going IN or positive going IN to prevent an output response
greater than
±75 mV to that IN/IN transition.
20. This release time is the minimum time that EN must be deasserted prior to the next IN/IN transition to ensure an output response that meets
the specified IN to Q propagation delay and transition times.
21. Deviation from a linear delay (actual Min to Max) in the 1024 programmable steps.


Số phần tương tự - MC100EP196AMNR4G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196B ONSEMI-MC100EP196B Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP196BFA ONSEMI-MC100EP196BFA Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP196BFAG ONSEMI-MC100EP196BFAG Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
More results

Mô tả tương tự - MC100EP196AMNR4G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EP196B ONSEMI-MC100EP196B Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com