công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2N2218A bảng dữ liệu(PDF) 3 Page - Microsemi Corporation |
|
2N2218A bảng dữ liệu(HTML) 3 Page - Microsemi Corporation |
3 / 9 page MSCO933A 10-14-98 DSW2N2218A <-> (34724) 2N2218A Electrical Characteristics (TA = 25°C unless otherwise noted) SMALL - SIGNAL CHARACTERISTICS SYMBOL MIN MAX UNIT Output Capacitance Cobo ( VCB = 10 Vdc, IE = 0, 100kHz ≤≤ f ≤≤ 1 MHz ) 8.0 pF Input Capacitance Cibo ( VEB = 0.5 Vdc, IC = 0, 100kHz ≤≤ f ≤≤ 1 MHz ) 25 pF SWITCHING CHARACTERISTICS SYMBOL MIN MAX UNIT Turn - On Time ton ( VCC = 30 Vdc, IC = 150 mAdc, IB1 =15 mAdc) ( See FIGURE 1 ) 35 ns Turn - Off Time toff ( VCC = 30 Vdc, IC = 150 mAdc, IB1 = - IB2 = 15 mAdc) ( See FIGURE 2 ) 300 ns Small - Signal AC Characteristics (TA = 25°C) LOW FREQUENCY SYMBOL MIN MAX UNIT Common - Emitter Forward Current Transfer Ratio hfe ( IC = 1 mA, VCE = 10 V, f = 1kHz ) 3 5 HIGH FREQUENCY Common - Emitter Forward Current Transfer Ratio |hfe| ( IC = 20 mA, VCE = 20 V, f = 100 MHz ) 2.5 1 2 S p i c e M o d e l (based upon typical device characteristics) * 1 Q2N2218A NPN ( IS = 21.2f XTI = 3.0 EG = 1.11 VAF = 103.8 BF = 90.7 ISE = 3.34p + NE = 2.05 IKF = 1.255 NK = 0.9394 XTB = 1.5 BR = 1.031 ISC = 3.299p + NC = 1.605 IKR = 0.8992 RC = 0.0 CJC = 19.4p MJC = 0.3333 VJC = 0.75 + FC = 0.5 CJE = 29.6p MJE = 0.3333 VJE = 0.75 TR = 275.0 n TF= 564.5p + ITF = 1.0 XTF = 0.0 VTF = 10.0 ) *1. Microsemi Corp. claims no responsibility for misapplication of Spice Model information. Spice modeling should be used as a precursor guide to in-circuit performance. Actual performance is the responsibility of the user/designer. |
Số phần tương tự - 2N2218A |
|
Mô tả tương tự - 2N2218A |