công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25115 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LM25115
Giải thích chi tiết về linh kiện  LM25115 Secondary Side Post Regulator Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM25115 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM25115_15 Datasheet HTML 6Page - Texas Instruments LM25115_15 Datasheet HTML 7Page - Texas Instruments LM25115_15 Datasheet HTML 8Page - Texas Instruments LM25115_15 Datasheet HTML 9Page - Texas Instruments LM25115_15 Datasheet HTML 10Page - Texas Instruments LM25115_15 Datasheet HTML 11Page - Texas Instruments LM25115_15 Datasheet HTML 12Page - Texas Instruments LM25115_15 Datasheet HTML 13Page - Texas Instruments LM25115_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Phase signal
RAMP pin
HS pin
12V
12V
6V
6V
Main Output = 3.3V
Secondary Output = 2.5V
PWM Threshold
LM25115
SNVS418A – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
The RAMP and SYNC functions illustrated in Figure 11 provide line voltage feed-forward to improve the
regulation of the auxiliary output when the input voltage of the main converter changes. Varying the input voltage
to the main converter produces proportional variations in amplitude of the phase signal. The main channel PWM
controller adjusts the pulse width of the phase signal to maintain constant volt*seconds and a regulated main
output as shown in Figure 12. The variation of the phase signal amplitude and duration are reflected in the slope
and duty cycle of the RAMP signal of the LM25115 (ISYNC α phase signal amplitude). As a result, the duty cycle
of the LM25115 is automatically adjusted to regulate the auxiliary output voltage with virtually no change in the
PWM threshold voltage. Transient line regulation is improved because the PWM duty cycle of the auxiliary
converter is immediately corrected, independent of the delays of the voltage regulation loop.
Figure 12. Line Feed-forward Waveforms
The recommended SYNC input current range is 50µA to 150µA. The SYNC pin resistor (RSYNC) should be
selected to set the SYNC current (ISYNC) to 150µA with the maximum phase signal amplitude, VPHASE(max). This
will ensure that ISYNC stays within the recommended range over a 3:1 change in phase signal amplitude. The
SYNC pin resistor is therefore:
RSYNC = (VPHASE(max) / 150µA) - 2.5kΩ
Once ISYNC has been established by selecting RSYNC, the RAMP signal amplitude may be programmed by
selecting the proper RAMP pin capacitor value. The recommended peak amplitude of the RAMP waveform is 1V
to 1.75V. The CRAMP capacitor is chosen to provide the desired RAMP amplitude with the nominal phase signal
voltage and pulse width.
CRAMP = (3 x ISYNC x TON ) / VRAMP
where
CRAMP = RAMP pin capacitance
ISYNC = SYNC pin current current
TON = corresponding phase signal pulse width
VRAMP = desired RAMP amplitude (1V to 1.75V)
For example,
Main channel output = 3.3V. Phase signal maximum amplitude = 12V. Phase signal frequency = 250kHz
Set ISYNC = 150µA with phase signal at maximum amplitude (12V):
ISYNC = 150µA = VPHASE(max) / (RSYNC + 2.5 kΩ) = 12V / (RSYNC + 2.5 kΩ)
RSYNC = 12V/150µA - 2.5kΩ = 77.5kΩ
TON = Main channel duty cycle / Phase frequency = (3.3V/12V) / 250kHz = 1.1µs
Assume desired VRAMP = 1.5V
CRAMP = (3 x ISYNC x TON ) / VRAMP = (3 x 150µA x 1.1µs) / 1.5V
CRAMP = 330pF
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM25115


Số phần tương tự - LM25115_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25115A NSC-LM25115A Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
Texas Instruments
LM25115A TI-LM25115A Datasheet
917Kb / 26P
[Old version datasheet]   LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
National Semiconductor ...
LM25115AMT NSC-LM25115AMT Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
Texas Instruments
LM25115AMT/NOPB TI-LM25115AMT/NOPB Datasheet
917Kb / 26P
[Old version datasheet]   LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
National Semiconductor ...
LM25115AMTX NSC-LM25115AMTX Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
More results

Mô tả tương tự - LM25115_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
   Secondary Side Post Regulator Controller
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
[Old version datasheet]   LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
Texas Instruments
UCC3583D TI1-UCC3583D Datasheet
1Mb / 18P
[Old version datasheet]   Switch Mode Secondary Side Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com