công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4030 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LM4030
Giải thích chi tiết về linh kiện  LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM4030 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM4030_15 Datasheet HTML 7Page - Texas Instruments LM4030_15 Datasheet HTML 8Page - Texas Instruments LM4030_15 Datasheet HTML 9Page - Texas Instruments LM4030_15 Datasheet HTML 10Page - Texas Instruments LM4030_15 Datasheet HTML 11Page - Texas Instruments LM4030_15 Datasheet HTML 12Page - Texas Instruments LM4030_15 Datasheet HTML 13Page - Texas Instruments LM4030_15 Datasheet HTML 14Page - Texas Instruments LM4030_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
= VERROR
10
3
VREF x ppmERROR
TD =
VREF x 'T
x 10
6 ppm
(VREF_MAX - VREF_MIN)
Temperature Range
Voltage
Temperature
VREF_MAX
VREF_MIN
LM4030
www.ti.com
SNVS552B – MARCH 2008 – REVISED APRIL 2013
TEMPERATURE COEFFICIENT
Temperature drift is defined as the maximum deviation in output voltage over the temperature range. This
deviation over temperature may be illustrated as shown in Figure 25.
Figure 25. Illustrative VREF vs Temperature Profile
Temperature coefficient may be expressed analytically as the following:
where
TD = Temperature drift
VREF = Nominal preset output voltage
VREF_MIN = Minimum output voltage over operating temperature range
VREF_MAX = Maximum output voltage over operating temperature range
ΔT = Operating temperature range
(3)
The LM4030 features a low temperature drift of 10ppm (max) to 30ppm (max), depending on the grade.
DYNAMIC OFFSET CANCELLATION AND LONG TERM STABILITY
Aside from initial accuracy and drift performance, other specifications such as thermal hysteresis and long-term
stability can affect the accuracy of a voltage reference, especially over the lifetime of the application. The
reference voltage can also shift due to board stress once the part is mounted onto the PCB and during
subsequent thermal cycles. Generally, these shifts in VREF arise due to offsets between matched devices within
the regulation loop. Both passive and active devices naturally experience drift over time and stress and
temperature gradients across the silicon die also generate offset. The LM4030 incorporates a dynamic offset
cancellation scheme which compensates for offsets developing within the regulation loop. This gives the LM4030
excellent long-term stability (40 ppm typical) and thermal hysteresis performance (75ppm typical), as well as
substantial immunity to PCB stress effects, despite being packaged in a tiny SOT-23.
EXPRESSION OF ELECTRICAL CHARACTERISTICS
Electrical characteristics are typically expressed in mV, ppm, or a percentage of the nominal value. Depending
on the application, one expression may be more useful than the other. To convert one quantity to the other one
may apply the following:
ppm to mV error in output voltage:
where
VREF is in volts (V) and VERROR is in milli-volts (mV)
(4)
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4030


Số phần tương tự - LM4030_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4030AI-4.1 NSC-LM4030AI-4.1 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
LM4030AMF-2.5 NSC-LM4030AMF-2.5 Datasheet
379Kb / 14P
   Ultra-High Precision Shunt Voltage Reference
LM4030AMF-4.096 NSC-LM4030AMF-4.096 Datasheet
379Kb / 14P
   Ultra-High Precision Shunt Voltage Reference
LM4030AMFX-2.5 NSC-LM4030AMFX-2.5 Datasheet
379Kb / 14P
   Ultra-High Precision Shunt Voltage Reference
LM4030AMFX4.096 NSC-LM4030AMFX4.096 Datasheet
379Kb / 14P
   Ultra-High Precision Shunt Voltage Reference
More results

Mô tả tương tự - LM4030_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4030 NSC-LM4030 Datasheet
379Kb / 14P
   Ultra-High Precision Shunt Voltage Reference
logo
Texas Instruments
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
SM74601 TI1-SM74601 Datasheet
321Kb / 14P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
LM4128 TI-LM4128_15 Datasheet
990Kb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
   Precision 5.0V SOT-23 FGA Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com