công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM329 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM329
Giải thích chi tiết về linh kiện  Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM329 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM329_15 Datasheet HTML 1Page - Texas Instruments LM329_15 Datasheet HTML 2Page - Texas Instruments LM329_15 Datasheet HTML 3Page - Texas Instruments LM329_15 Datasheet HTML 4Page - Texas Instruments LM329_15 Datasheet HTML 5Page - Texas Instruments LM329_15 Datasheet HTML 6Page - Texas Instruments LM329_15 Datasheet HTML 7Page - Texas Instruments LM329_15 Datasheet HTML 8Page - Texas Instruments LM329_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
9V TO 40V
RS
LM329
6.9V
LM329
www.ti.com
SNVS748F – MAY 2000 – REVISED APRIL 2013
LM329 Precision Reference
Check for Samples: LM329
1
FEATURES
DESCRIPTION
The LM329 is a precision multi-current temperature-
2
0.6 mA to 15 mA Operating Current
compensated 6.9V zener reference with dynamic
0.8
Ω Dynamic Impedance at Any Current
impedance a factor of 10 to 100 less than discrete
Available With Temperature Coefficient of
diodes. Constructed in a single silicon chip, the
0.01%/°C
LM329 uses active circuitry to buffer the internal
zener allowing the device to operate over a 0.5 mA to
7
μV Wideband Noise
15 mA range with virtually no change in performance.
5% Initial Tolerance
The
LM329
is
available
with
a
temperature
0.002% Long Term Stability
coefficients of 0.01%/°C. This reference also has
excellent long term stability and low noise.
Low Cost
Subsurface Zener
A new subsurface breakdown zener used in the
LM329 gives lower noise and better long-term
stability than conventional IC zeners. Further the
zener and temperature compensating transistor are
made by a planar process so they are immune to
problems that plague ordinary zeners. For example,
there is virtually no voltage shift in zener voltage due
to temperature cycling and the device is insensitive to
stress on the leads.
The LM329 can be used in place of conventional
zeners with improved performance. The low dynamic
impedance simplifies biasing and the wide operating
current allows the replacement of many zener types.
The LM329 for operation over 0°C to 70°C is
available in a TO-92 epoxy package.
Connection Diagram
Typical Application
Figure 1. Bottom View
Plastic Package (TO-92)
See Package LP
Figure 2. Simple Reference
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM329_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LM329 LINER-LM329_15 Datasheet
166Kb / 8P
   6.9V Precision Voltage Reference
More results

Mô tả tương tự - LM329_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com