công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM185-ADJ bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM185-ADJ
Giải thích chi tiết về linh kiện  Adjustable Micropower Voltage References
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM185-ADJ bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM185-ADJ_15 Datasheet HTML 1Page - Texas Instruments LM185-ADJ_15 Datasheet HTML 2Page - Texas Instruments LM185-ADJ_15 Datasheet HTML 3Page - Texas Instruments LM185-ADJ_15 Datasheet HTML 4Page - Texas Instruments LM185-ADJ_15 Datasheet HTML 5Page - Texas Instruments LM185-ADJ_15 Datasheet HTML 6Page - Texas Instruments LM185-ADJ_15 Datasheet HTML 7Page - Texas Instruments LM185-ADJ_15 Datasheet HTML 8Page - Texas Instruments LM185-ADJ_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM185-ADJ, LM285-ADJ, LM385-ADJ
www.ti.com
SNVS741F – FEBRUARY 2000 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2) (3)
Reverse Current
30mA
Forward Current
10mA
Operating Temperature Range (4)
LM185 Series
−55°C to 125°C
LM285 Series
−40°C to 85°C
LM385 Series
0°C to 70°C
ESD Susceptibility (5)
2kV
Storage Temperature
−55°C to 150°C
Soldering Information
TO-92 Package (10 sec.)
260°C
TO Package (10 sec.)
300°C
SOIC Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
See An-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices.
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics. The specifications
apply only for the test conditions listed.
(2)
Refer to RETS185H for military specifications.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
For elevated temperature operation, see Table 1 and Thermal Characteristics.
(5)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Table 1. TJ(max) for Elevated Temperature Operation
DEVICE
TJ(max) (°C)
LM185
150
LM285
125
LM385
100
Thermal Characteristics
Over operating free-air temperature range (unless otherwise noted)
Thermal Resistance
TO-92
TO-46
SOIC
180°C/W (0.4
″ leads)
θJA (Junction to Ambient)
440°C/W
165°C/W
170°C/W (0.125
″ leads)
θJC (Junction to Case)
N/A
80°C/W
N/A
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM185-ADJ LM285-ADJ LM385-ADJ


Số phần tương tự - LM185-ADJ_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM185-ADJ TI-LM185-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM185-ADJ TI-LM185-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
More results

Mô tả tương tự - LM185-ADJ_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM185QML NSC-LM185QML Datasheet
713Kb / 15P
   Adjustable Micropower Voltage References
LM385-ADJ NSC-LM385-ADJ Datasheet
713Kb / 14P
   Adjustable Micropower Voltage References
LM185 NSC-LM185 Datasheet
747Kb / 14P
   Adjustable Micropower Voltage References
LM185 NSC-LM185_08 Datasheet
723Kb / 14P
   Adjustable Micropower Voltage References
logo
Texas Instruments
5962-9091402QYA TI-5962-9091402QYA Datasheet
459Kb / 15P
[Old version datasheet]   LM185QML Adjustable Micropower Voltage References
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385MX TI-LM385MX Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385Z TI-LM385Z Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com