công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N01S830HAT22I bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện N01S830HAT22I
Giải thích chi tiết về linh kiện  1 Mb Ultra-Low Power Serial SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S830HAT22I bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  N01S830HAT22I Datasheet HTML 1Page - ON Semiconductor N01S830HAT22I Datasheet HTML 2Page - ON Semiconductor N01S830HAT22I Datasheet HTML 3Page - ON Semiconductor N01S830HAT22I Datasheet HTML 4Page - ON Semiconductor N01S830HAT22I Datasheet HTML 5Page - ON Semiconductor N01S830HAT22I Datasheet HTML 6Page - ON Semiconductor N01S830HAT22I Datasheet HTML 7Page - ON Semiconductor N01S830HAT22I Datasheet HTML 8Page - ON Semiconductor N01S830HAT22I Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 0
1
Publication Order Number:
N01S830HA/D
N01S830HA, N01S830BA
1 Mb Ultra-Low Power
Serial SRAM
Standard SPI Interface and Multiplex
DUAL and QUAD Interface
Overview
The ON Semiconductor serial SRAM family includes several
integrated memory devices including this 1 Mb serially accessed
Static Random Access Memory, internally organized as 128 K words
by 8 bits. The devices are designed and fabricated using
ON Semiconductor’s advanced CMOS technology to provide both
high-speed performance and low power. The devices operate with a
single chip select (CS) input and use a simple Serial Peripheral
Interface (SPI) protocol. In SPI mode, a single data-in (SI) and
data-out (SO) line is used along with the clock (SCK) to access data
within the device. In DUAL mode, two multiplexed data-in/data-out
(SIO0-SIO1) lines are used and in QUAD mode, four multiplexed
data-in/data-out (SIO0-SIO3) lines are used with the clock to access
the memory. The devices can operate over a wide temperature range of
−40
°C to +85°C and are available in a 8-lead TSSOP package. The
N01S830xA device has two different variations, a HOLD version that
allows communication to the device to be paused and a battery
back-up (BBU) version to be used with a battery to retain data when
power is lost.
Features
Power Supply Range: 2.5 to 5.5 V
Very Low Typical Standby Current < 4 mA
Very Low Operating Current < 10 mA
Simple Serial Interface
Single-bit SPI Access
DUAL-bit and QUAD-bit SPI-like Access
Flexible Operating Modes
Word Mode
Page Mode
Burst Mode (Full Array)
High Frequency Read and Write Operation
Clock Frequency 20 MHz
Functional Options
HOLD Pin for Pausing Operation
VBAT Pin for Battery−Back up
Built-in Write Protection (CS High)
High Reliability
Unlimited Write Cycles
These Devices are Pb−Free and are RoHS Compliant
Green TSSOP
Table 1. DEVICE OPTIONS
Device / Part Number
Power Supply
Speed
Package
Function
N01S830HAT22I
HV 2.5 V − 5.5 V
20 MHz
TSSOP−8
HOLD
N01S830BAT22I
HV 2.5 V − 5.5 V
20 MHz
TSSOP−8
BBU − Battery Back-up
http://onsemi.com
TSSOP8 3x4.4
CASE 948BH
PACKAGE CONFIGURATION
1
2
8
5
7
6
3
4
CS
SO / SIO1
NC / SIO2
VSS
VCC
HOLD / SIO3
SCK
SI / SIO0
HOLD Version
1
2
8
5
7
6
3
4
CS
SO / SIO1
NC
VSS
VCC
VBAT
SCK
SI / SIO0
BBU Version
Device
Package
Shipping
ORDERING INFORMATION
N01S830HAT22I TSSOP−8
(Pb−Free)
100 Units / Tube
N01S830HAT22IT TSSOP−8
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
N01S830BAT22I TSSOP−8
(Pb−Free)
100 Units / Tube
N01S830BAT22IT TSSOP−8
(Pb−Free)
3000 / Tape & Reel


Số phần tương tự - N01S830HAT22I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
N01S830HAT22I ONSEMI-N01S830HAT22I Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830HAT22IT ONSEMI-N01S830HAT22IT Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
More results

Mô tả tương tự - N01S830HAT22I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
N01S818HA ONSEMI-N01S818HA Datasheet
132Kb / 12P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830HA ONSEMI-N01S830HA_16 Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com