công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N01S830HAT22I bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện N01S830HAT22I
Giải thích chi tiết về linh kiện  1 Mb Ultra-Low Power Serial SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S830HAT22I bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  N01S830HAT22I Datasheet HTML 1Page - ON Semiconductor N01S830HAT22I Datasheet HTML 2Page - ON Semiconductor N01S830HAT22I Datasheet HTML 3Page - ON Semiconductor N01S830HAT22I Datasheet HTML 4Page - ON Semiconductor N01S830HAT22I Datasheet HTML 5Page - ON Semiconductor N01S830HAT22I Datasheet HTML 6Page - ON Semiconductor N01S830HAT22I Datasheet HTML 7Page - ON Semiconductor N01S830HAT22I Datasheet HTML 8Page - ON Semiconductor N01S830HAT22I Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
N01S830HA, N01S830BA
http://onsemi.com
5
Figure 4. DUAL Read Sequence
CS
SIO[1:0]
04
3
25
112
15
14
16
13
17
SCK
A11
A0
18
20
19
C3 C2
A10
A3 A2 A1
H0 H0 L0 L0 H1 H1 L1 L1
MSB
MSB
Notes:
Instruction
24−bit address
Data out
X
X
21 22
C1 C0
X
X
23 24 25 26
C[3:0] = 03h
H0 = 2 high order bits of data byte 0
L0 = 2 low order bits of data byte 0
H1 = 2 high order bits of data byte 1
L1 = 2 low order bits of data byte 1
Figure 5. QUAD Read Sequence
CS
SIO[3:0]
04
3
25
16
9
810
711
SCK
A5
A0
12
14
13
C1 C0
A4 A3 A2 A1
H0 L0 H1 L1 H2 L2 H3 L3
MSB
MSB
Notes:
Instruction
24−bit address
Data out
X
X
15 16
C[1:0] = 03h
H0 = 4 high order bits of data byte 0
L0 = 4 low order bits of data byte 0
H1 = 4 high order bits of data byte 1
L1 = 4 low order bits of data byte 1
Write Operation
The serial SRAM WRITE is selected by enabling CS low.
First, the 8-bit WRITE instruction is transmitted to the
device followed by the 24-bit address with the 7 MSBs being
don’t care. After the WRITE instruction and addresses are
sent, the data to be stored in memory is shifted in on the SI
pin.
If operating in page mode, after the initial word of data is
shifted in, additional data words can be written as long as the
address requested is sequential on the same page. Simply
write the data on SI pin and continue to provide clock pulses.
The internal address pointer is automatically incremented to
the next higher address on the page after each word of data
is written in. This can be continued for the entire page length
of 32 words long. At the end of the page, the addresses
pointer will be wrapped to the 0 word address within the
page and the operation can be continuously looped over the
32 words of the same page. The new data will replace data
already stored in the memory locations.
If operating in burst mode, after the initial word of data is
shifted in, additional data words can be written to the next
sequential memory locations by continuing to provide clock
pulses. The internal address pointer is automatically
incremented to the next higher address after each word of
data is read out. This can be continued for the entire array
and when the highest address is reached, 1FFFFh, the
address counter wraps to the address 00000h. This allows
the burst write cycle to be continued indefinitely. Again, the
new data will replace data already stored in the memory
locations.
All WRITE operations are terminated by pulling CS high.


Số phần tương tự - N01S830HAT22I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
N01S830HAT22I ONSEMI-N01S830HAT22I Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830HAT22IT ONSEMI-N01S830HAT22IT Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
More results

Mô tả tương tự - N01S830HAT22I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
N01S818HA ONSEMI-N01S818HA Datasheet
132Kb / 12P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830HA ONSEMI-N01S830HA_16 Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com